Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DI79L09DAB Datasheet(PDF) 3 Page - Diotec Semiconductor

Part # DI79L09DAB
Description  Negative Fixed Voltage Regulators Negativ Festspannungs-Regler
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

DI79L09DAB Datasheet(HTML) 3 Page - Diotec Semiconductor

  DI79L09DAB Datasheet HTML 1Page - Diotec Semiconductor DI79L09DAB Datasheet HTML 2Page - Diotec Semiconductor DI79L09DAB Datasheet HTML 3Page - Diotec Semiconductor DI79L09DAB Datasheet HTML 4Page - Diotec Semiconductor DI79L09DAB Datasheet HTML 5Page - Diotec Semiconductor DI79L09DAB Datasheet HTML 6Page - Diotec Semiconductor DI79L09DAB Datasheet HTML 7Page - Diotec Semiconductor DI79L09DAB Datasheet HTML 8Page - Diotec Semiconductor DI79L09DAB Datasheet HTML 9Page - Diotec Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
DI79LxxDAB
Characteristics 1 )
Kennwerte 1, 2)
DI79L06DAB
Min.
Typ.
Max.
Output voltage – Ausgangsspannung
VOut
-5.75 V
-6 V
-6.25 V
Output voltage – Ausgangsspannung
IOut = 1.0 to 40 mΑ, VIN = -8 to -20 V
IOut = 1.0 to 70 mΑ, VIN = -12 V
VOut
-5.7 V
-7.6 V
-6 V
-6 V
-6.3 V
-6.3 V
Line Regulation – Betriebsspannungsdurchgriff
VIN = -8.0 to -20 V
VIN = -9.0 to -20 V
∆ VOUT
-
35 mV
29 mV
175 mV
125 mV
Load Regulation – Lastregelung
IOut = 1.0 to 100 mΑ
IOut = 1.0 to 40 mΑ
∆ VOUT
-
16 mV
9 mV
80 mV
40 mV
Quiescent current – Ruhestrom
Tj = 25°C
Tj = 125°C
IQ
-
3.9 mA
-
6 mA
5.5 mA
Quiescent current Change – Ruhestromänderung
IOut = 1.0 to 40 mΑ
VIN = -9.0 to -20 V
∆ IQ
-
-
0.1 mA
1.5 mA
Ripple Rejection – Störspannungsunterdrückung
IOut = 40 mΑ, VIN = -9.0 to -19 V , F = 120 Hz
VRR
40 dB
48 dB
-
Output Noise Voltage – Ausgangs-Rauschspannung
10Hz ≤ B ≤ 100kHz
-
46 µV
-
Dropout voltage - Spannungsabfall
VD
-
1.7 V
-
Thermal resistance junction to case
Wärmewiderstand Sperrschicht – Gehäuse
RthC
< 20 K/W
Thermal resistance junction to ambient
Wärmewiderstand Sperrschicht – Umgebung
RthA
< 50 K/W 2)
1
Tj = 25°C and VIN
= -12 V, IO = 40 mA, CI = 0.33µF, CO = 0.1µF, unless otherwise specified
Tj = 25°C and VIN
= -12 V, IO = 40 mA, CI = 0.33µF, CO = 0.1µF, wenn nicht anders angegeben
2
Mounted on P.C. board with 4 cm2 copper pad at VIN-terminal
Montage auf Leiterplatte mit 4 cm2 Kupferbelag (Lötpad) an VIN-Anschluss
© Diotec Semiconductor AG
http://www.diotec.com/
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com