Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M41T256YMH7F Datasheet(PDF) 23 Page - STMicroelectronics

Part # M41T256YMH7F
Description  256 Kbit 32K x8 SERIAL RTC
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41T256YMH7F Datasheet(HTML) 23 Page - STMicroelectronics

Back Button M41T256YMH7F Datasheet HTML 19Page - STMicroelectronics M41T256YMH7F Datasheet HTML 20Page - STMicroelectronics M41T256YMH7F Datasheet HTML 21Page - STMicroelectronics M41T256YMH7F Datasheet HTML 22Page - STMicroelectronics M41T256YMH7F Datasheet HTML 23Page - STMicroelectronics M41T256YMH7F Datasheet HTML 24Page - STMicroelectronics M41T256YMH7F Datasheet HTML 25Page - STMicroelectronics M41T256YMH7F Datasheet HTML 26Page - STMicroelectronics M41T256YMH7F Datasheet HTML 27Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 23 / 27 page
background image
23/27
M41T256Y
Figure 19. SOH44 – 44-lead Plastic Small Outline, SNAPHAT, Package Outline
Note: Drawing is not to scale.
Table 12. SOH44 – 44-lead Plastic Small Outline, SNAPHAT, Package Mechanical Data
Symb
mm
inches
Typ
Min
Max
Typ
Min
Max
A
3.05
0.120
A1
0.05
0.36
0.002
0.014
A2
2.34
2.69
0.092
0.106
B
0.36
0.46
0.014
0.018
C
0.15
0.32
0.006
0.012
D
17.71
18.49
0.697
0.728
E
8.23
8.89
0.324
0.350
e
0.81
–
–
0.032
–
–
eB
3.20
3.61
0.126
0.142
H
11.51
12.70
0.453
0.500
L
0.41
1.27
0.016
0.050
α
0°
8°
0°
8°
N44
44
CP
0.10
0.004
SOH-A
E
N
D
C
L
A1
α
1
H
A
CP
Be
A2
eB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com