Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

9DML0451 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # 9DML0451
Description  2:4 3.3V PCIe Gen1–7 Clock Mux
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

9DML0451 Datasheet(HTML) 2 Page - Renesas Technology Corp

  9DML0451 Datasheet HTML 1Page - Renesas Technology Corp 9DML0451 Datasheet HTML 2Page - Renesas Technology Corp 9DML0451 Datasheet HTML 3Page - Renesas Technology Corp 9DML0451 Datasheet HTML 4Page - Renesas Technology Corp 9DML0451 Datasheet HTML 5Page - Renesas Technology Corp 9DML0451 Datasheet HTML 6Page - Renesas Technology Corp 9DML0451 Datasheet HTML 7Page - Renesas Technology Corp 9DML0451 Datasheet HTML 8Page - Renesas Technology Corp 9DML0451 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2:4 3.3V PCIE GEN1–7 CLOCK MUX
2
DECEMBER 16, 2025
9DML0441 / 9DML0451 DATASHEET
Pin Configuration
Power Management Table
Power Connections
24 23 22 21 20 19
DIF_INA 1
18 DIF2#
DIF_INA# 2
17 DIF2
VDDR3.3 3
16 VDD3.3
VDDR3.3 4
15 GND
DIF_INB 5
14 DIF1#
DIF_INB# 6
13 DIF1
78 9 10 11 12
24-VFQFPN, 4 x 4 mm, 0.5mm pitch
^ prefix indicates internal pull-up resistor
v prefix indicates internal pull-down resistor
9DML0441
9DML0451
Connect EPAD to
GND
True O/P
Comp. O/P
0
Running
Running
Running
1
Running
Low
Low
DIF_IN
OEx# Pin
DIFx
VDD
GND
324
47
16
15
DIF outputs
Description
Pin Number
Input A receiver analog
Input B receiver analog



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com