Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

9DMU0141 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # 9DMU0141
Description  2:1 1.5V PCIe Gen1/2/3 Clock Mux with Zo = 100ohms
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

9DMU0141 Datasheet(HTML) 2 Page - Renesas Technology Corp

  9DMU0141 Datasheet HTML 1Page - Renesas Technology Corp 9DMU0141 Datasheet HTML 2Page - Renesas Technology Corp 9DMU0141 Datasheet HTML 3Page - Renesas Technology Corp 9DMU0141 Datasheet HTML 4Page - Renesas Technology Corp 9DMU0141 Datasheet HTML 5Page - Renesas Technology Corp 9DMU0141 Datasheet HTML 6Page - Renesas Technology Corp 9DMU0141 Datasheet HTML 7Page - Renesas Technology Corp 9DMU0141 Datasheet HTML 8Page - Renesas Technology Corp 9DMU0141 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2
©2014-2025 Renesas Electronics Corporation
December 15, 2025
9DMU0141 Datasheet
Pin Configuration
Power Management Table
16 15 14 13
GNDR 1
12 VDD1.5
VDDR1.5 2
11 GND
VDDR1.5 3
10 DIF0#
GNDR 4
9 DIF0
56 78
Note: Paddle may be connected to ground for thermal
purposes. It is not required electrically.
16-pin VFQFPN, 3x3 mm, 0.5mm pitch
^ prefix indicates internal 120KOhm pull up resistor
v prefix indicates internal 120KOhm pull down resistor
9DMU0141
True O/P
Comp. O/P
0
Running
Running
Running
1
Running
Low
Low
DIF_IN
OEx# Pin
DIFx



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com