Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M41ST84WMQ1 Datasheet(PDF) 12 Page - STMicroelectronics

Part # M41ST84WMQ1
Description  5.0 or 3.0V, 512 bit 64 x 8 SERIAL RTC with SUPERVISORY FUNCTIONS
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41ST84WMQ1 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button M41ST84WMQ1 Datasheet HTML 8Page - STMicroelectronics M41ST84WMQ1 Datasheet HTML 9Page - STMicroelectronics M41ST84WMQ1 Datasheet HTML 10Page - STMicroelectronics M41ST84WMQ1 Datasheet HTML 11Page - STMicroelectronics M41ST84WMQ1 Datasheet HTML 12Page - STMicroelectronics M41ST84WMQ1 Datasheet HTML 13Page - STMicroelectronics M41ST84WMQ1 Datasheet HTML 14Page - STMicroelectronics M41ST84WMQ1 Datasheet HTML 15Page - STMicroelectronics M41ST84WMQ1 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 31 page
background image
M41ST84Y, M41ST84W
12/31
READ Mode
In this mode the master reads the M41ST84Y/W
slave after setting the slave address (see Figure
12, page 12). Following the WRITE Mode Control
Bit (R/W=0) and the Acknowledge Bit, the word
address ‘An’ is written to the on-chip address
pointer. Next the START condition and slave ad-
dress are repeated followed by the READ Mode
Control Bit (R/W=1). At this point the master trans-
mitter becomes the master receiver. The data byte
which was addressed will be transmitted and the
master receiver will send an Acknowledge Bit to
the slave transmitter. The address pointer is only
incremented on reception of an Acknowledge
Clock. The M41ST84Y/W slave transmitter will
now place the data byte at address An+1 on the
bus, the master receiver reads and acknowledges
the
new
byte
and
the
address
pointer
is
incremented to “An+2.”
This cycle of reading consecutive addresses will
continue until the master receiver sends a STOP
condition to the slave transmitter (see Figure 13,
page 12).
The system-to-user transfer of clock data will be
halted whenever the address being read is a clock
address (00h to 07h). The update will resume ei-
ther due to a Stop Condition or when the pointer
increments to a non-clock or RAM address.
Note: This is true both in READ Mode and WRITE
Mode.
An alternate READ Mode may also be implement-
ed whereby the master reads the M41ST84Y/W
slave without first writing to the (volatile) address
pointer. The first address that is read is the last
one stored in the pointer (see Figure 14, page 13).
Figure 12. Slave Address Location
Figure 13. READ Mode Sequence
AI00602
R/W
SLAVE ADDRESS
START
A
0
100
0
11
AI00899
BUS ACTIVITY:
S
P
SDA LINE
BUS ACTIVITY:
MASTER
DATA n
DATA n+1
DATA n+X
WORD
ADDRESS (An)
SLAVE
ADDRESS
S
SLAVE
ADDRESS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com