Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M41T94MQ6 Datasheet(PDF) 29 Page - STMicroelectronics

Part # M41T94MQ6
Description  512 Bit 64 bit x8 SERIAL RTC SPI SRAM
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41T94MQ6 Datasheet(HTML) 29 Page - STMicroelectronics

Back Button M41T94MQ6 Datasheet HTML 23Page - STMicroelectronics M41T94MQ6 Datasheet HTML 24Page - STMicroelectronics M41T94MQ6 Datasheet HTML 25Page - STMicroelectronics M41T94MQ6 Datasheet HTML 26Page - STMicroelectronics M41T94MQ6 Datasheet HTML 27Page - STMicroelectronics M41T94MQ6 Datasheet HTML 28Page - STMicroelectronics M41T94MQ6 Datasheet HTML 29Page - STMicroelectronics M41T94MQ6 Datasheet HTML 30Page - STMicroelectronics M41T94MQ6 Datasheet HTML 31Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 29 / 31 page
background image
29/31
M41T94
PART NUMBERING
Table 20. Ordering Information Scheme
Note: 1. The 28-pin SOIC package (SOH28) requires the battery/crystal package (SNAPHAT®) which is ordered separately under the part
number “M4TXX-BR12SHX” in plastic tube or “M4TXX-BR12SHXTR” in Tape & Reel form.
Caution: Do NOT place the SNAPHAT battery package “M4TXX-BR12SH” in conductive foam as it will drain the lithium button-cell
battery.
For a list of available options (e.g., Speed, Package) or for further information on any aspect of this device,
please contact the ST Sales Office nearest to you.
Table 21. SNAPHAT Battery Table
Example:
M41T
94
MH
6
TR
Device Type
M41T
Supply Voltage and Write Protect Voltage
94 = VCC = 2.7 to 5.5V
THS = VCC; 4.20V ≤ VPFD ≤ 4.50V
THS = VSS; 2.55V ≤ VPFD ≤ 2.70V
Package
MQ = SO16
MH (1) = SOH28
Temperature Range
6 = –40 to 85°C
Shipping Method for SOIC
blank = Tubes
TR = Tape & Reel
Part Number
Description
Package
M4T28-BR12SH
Lithium Battery (48mAh) and Crystal SNAPHAT
SH
M4T32-BR12SH
Lithium Battery (120mAh) and Crystal SNAPHAT
SH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com