Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMBTA14-HF Datasheet(PDF) 2 Page - Comchip Technology

Part # MMBTA14-HF
Description  NPN Darlington Amplifier Transistor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

MMBTA14-HF Datasheet(HTML) 2 Page - Comchip Technology

  MMBTA14-HF Datasheet HTML 1Page - Comchip Technology MMBTA14-HF Datasheet HTML 2Page - Comchip Technology MMBTA14-HF Datasheet HTML 3Page - Comchip Technology MMBTA14-HF Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Electrical Characteristics (at Ta=25°C unless otherwise noted)
Page 2
Comchip Technology CO., LTD.
Units
Symbol
Parameter
Typ
V(BR)CBO
V(BR)CEO
V(BR)EBO
ICBO
ICEO
hFE
30
30
10
5000
10000
V
V
V
µA
Collector-base breakdown voltage
Collector-emitter breakdown voltage
Emitter-base breakdown voltage
Collector cut-off current
Collector cut-off current
DC current gain
Transition frequency
Min
Max
Conditions
VCE(sat)
VBE
10000
20000
1.5
2.0
MHz
Collector-emitter saturation voltage
Base-emitter on voltage
IC = 100µA, IE = 0
IC = 0.1mA, IB = 0
IE = 100µA, IC = 0
IE = 0, VCB = 30V
IE = 0, VCE = 10V
VCE = 5V, IC = 10mA
IC = 100mA, IB = 0.1mA
0.1
0.1
µA
V
V
hFE
hFE
hFE
fT
125
VCE = 5V, IC = 10mA
VCE = 5V, IC = 100mA
VCE = 5V, IC = 100mA
MMBTA13-HF
MMBTA13-HF
MMBTA14-HF
MMBTA14-HF
IC = 100mA, VCE = 5V
IC = 10mA, VCE = 5V, f = 100MHz
Rating and Characteristic Curves (MMBTA13/14-HF)
Fig.1 - Max Power Dissipation vs
Ambient Temperature
Ambient Temperature, TA (°C)
0
25
50
100
125
150
0
100
150
200
250
300
350
Fig.2 - Collector Emitter Saturation
Voltage vs Collector Current
Collector Current, IC (mA)
1
100
1000
0.4
0.5
0.6
0.7
0.8
1.1
10
0.9
1.0
75
50
Ta= -50°C
Ta=150°C
Ta=25°C
IC
IB
―=1000
NPN Darlington Amplifier Transistor
REV:A
QW-JTR140



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com