Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMBZ15VAL-HF Datasheet(PDF) 3 Page - Comchip Technology

Part # MMBZ15VAL-HF
Description  SMD ESD Protection Diode
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

MMBZ15VAL-HF Datasheet(HTML) 3 Page - Comchip Technology

  MMBZ15VAL-HF Datasheet HTML 1Page - Comchip Technology MMBZ15VAL-HF Datasheet HTML 2Page - Comchip Technology MMBZ15VAL-HF Datasheet HTML 3Page - Comchip Technology MMBZ15VAL-HF Datasheet HTML 4Page - Comchip Technology MMBZ15VAL-HF Datasheet HTML 5Page - Comchip Technology MMBZ15VAL-HF Datasheet HTML 6Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
SMD ESD Protection Diode
Typical Rating and Characteristic Curves (MMBZxxxAL-HF Series)
Comchip Technology CO., LTD.
REV:A
Page 3
Fig.1 - Typical Breakdown Voltage vs Temperature
Temperature, (°C)
-40
0
0
150
50
18
6
15
3
12
9
100
Fig.3 - Typical Capacitance vs Bias Voltage
Bias, (V)
0
0
200
280
320
1
3
2
120
160
80
40
240
Fig.5 - Steady State Power Derating Curve
0
0
200
300
350
25
150
50
100
125
100
150
50
250
75
Fig.2 - Typical Leakage Current vs Temperature
0.01
1
1000
0.1
10
100
25
85
125
Fig.4 - Typical Capacitance vs Bias Voltage
0
20
60
40
0
Fig.6 - Pulse Waveform
Time, t (ms)
0
50
100
0
1
2
3
4
Upper curve for each voltage is bidirectional mode,
lower curve is unidirectional mode
Upper curve for each voltage is unidirectional mode,
lower curve is bidirectional mode
5.6V
5.6V
15V
15V
Bias, (V)
1
3
2
10
50
30
33V
27V
33V
27V
Upper curve for each voltage is unidirectional mode,
lower curve is bidirectional mode
Temperature, (°C)
Alumina substrate
FR-5 Board
Temperature, (°C)
-40
Half value - IPP/2
Peak value - IPP
tr≤10µs
tp
Pulse width (tp) is defined
as that point where the
peak current decays to
50% of IPP.
QW-JP188



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com