Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MMST3906-HF Datasheet(PDF) 2 Page - Comchip Technology

Part # MMST3906-HF
Description  General Purpose Transistor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

MMST3906-HF Datasheet(HTML) 2 Page - Comchip Technology

  MMST3906-HF Datasheet HTML 1Page - Comchip Technology MMST3906-HF Datasheet HTML 2Page - Comchip Technology MMST3906-HF Datasheet HTML 3Page - Comchip Technology MMST3906-HF Datasheet HTML 4Page - Comchip Technology MMST3906-HF Datasheet HTML 5Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Fig.1 - Static Characteristic
Collector-Emitter Voltage, VCE (V)
-500µA
COMMON
EMITTER
Ta=25°C
-4
-20
-0
-8
-12
-16
0
-60
-100
IB=
µA
-50
-450µA
-400µA
-350µA
-300µA
-250µA
-200µA
-150µA
-100µA
-80
-40
-20
Collector Current, Ic (mA)
-0.1
-10
-200
0
Fig.2 - hFE — IC
200
300
-100
COMMON EMITTER
VCE=1V
TA=100
TA=25°C
TA=100°C
-1
100
Rating and Characteristic Curves (MMST3906-HF)
Symbol
Parameter
Conditions
Min.
Max.
Unit
Collector-base breakdown voltage
Collector-emitter breakdown voltage
Emitter-base breakdown voltage
Collector cut-off current
DC current gain
Collector-emitter saturation voltage
Base-emitter saturation voltage
Transition frequency
IC=-10μA, IE=0
IC=-1mA, IB=0
IE=-10μA, IC=0
VCE=-30V, VEB(Off)=-3V
VCE=-1V, IC=-100µA
VCE=-1V, IC=-1mA
VCE=-1V, IC=-10mA
IC=-50mA, IB=-5mA
IC=-50mA, IB=-5mA
VCE=-20V, IC=-10mA, f=100MHz
V(BR)EBO
*
ICEX
*
fT
-40
-40
-5
60
80
100
250
V
-50
300
-0.2
-0.85
V
V
V
nA
V
V
MHZ
hFE
*
Typ.
VCE(sat)
*
VBE(sat)
*
IC=-10mA, IB=-1mA
IC=-10mA, IB=-1mA
-0.3
V
-0.95
V
Output capacitance
VCB=-5V, IE=0, f=1MHz
4.5
pF
Cob
V(BR)CEO
*
*Pulse test: pulse width ≤300µs, duty cycle≤2.0%
V(BR)CBO*
Base cut-off current
VCE=-30V, VEB(Off)=-3V
IBL*
-50
nA
-0.65
Delay time
Storage time
Rise time
Fall time
VCC=-3V , VBE=-0.5V
IC=-10mA , IB1=-1mA
VCC=-3V , IC=-10mA
IB1=IB2=-1mA
td
tr
ts
tf
35
35
225
75
nS
nS
nS
nS
Input capacitance
VEB=-0.5V, IC=0, f=1MHz
Cib
pF
10
Electrical Characteristics (at TA=25°C unless otherwise noted)
Comchip Technology CO., LTD.
REV:B
Page 2
QW-JTR26
General Purpose Transistor



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com