Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TK3904LED03-HF Datasheet(PDF) 2 Page - Comchip Technology

Part # TK3904LED03-HF
Description  General Purpose Transistor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

TK3904LED03-HF Datasheet(HTML) 2 Page - Comchip Technology

  TK3904LED03-HF Datasheet HTML 1Page - Comchip Technology TK3904LED03-HF Datasheet HTML 2Page - Comchip Technology TK3904LED03-HF Datasheet HTML 3Page - Comchip Technology TK3904LED03-HF Datasheet HTML 4Page - Comchip Technology TK3904LED03-HF Datasheet HTML 5Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Unit
V
V
nS
Max.
0.95
200
50
35
35
Min.
40
Symbol
tS
fT
td
tr
tf
Electrical Characteristics (at TA=25°C unless otherwise noted)
IC = 10mA , IB1 = 1mA
Conditions
VCC = 3.0V
BE(off)
= 0.5V
, V
VCC = 3.0V, IC = 10mA,
IB1 = IB2 = 1mA
Characteristics
Fall Time
Storage Time
Delay Time
Rise Time
IC = 1mA , IB = 0
V(BR)CEO
Collector-Emitter breakdown voltage
V
nA
μA
0.1
50
V
IC = 10μA, IE = 0
V(BR)CBO
60
Collector-Base breakdown voltage
IE = 10μA, IC = 0
V(BR)EBO
6
Emitter-Base breakdown voltage
VCB = 60V , IE = 0
ICBO
Collector cut-off current
VCE = 30V V
= 3V
,
BE(off)
ICEX
Collector cut-off current
VCE(sat)
0.3
V
IC = 50mA IB = 5mA
,
IC = 50mA IB = 5mA
,
VBE(sat)
DC current gain
VEB = 5V IC = 0
,
VCE = 1V IC = 10mA
,
hFE
0.1
100
300
Collector-Emitter saturation voltage
Base-Emitter saturation voltage
nS
nS
nS
300
MHZ
VCE = 20V , IC = 10mA f = 100MHZ
,
Transition frequency
General Purpose Transistor
Emitter cut-off current
μA
IEBO
Page 2
Comchip Technology CO., LTD.
REV:A
QW-JTR27
Company reserves the right to improve product design , functions and reliability without notice.
Collector Current , Ic (mA)
0.1
10
100
10
100
1000
Fig.1 - Static Characteristic
Collector-Emitter Voltage, VCE (V)
0
2
14
20
0.0
0.4
1.0
1.2
Fig.2 - hFE— IC
Ta=25°C
COMMON EMITTER
16
200
Rating And Characteristic Curves (TK3904LED03-HF)
COMMON EMITTER
VCE = 1V
1
0.8
0.6
0.2
4
6
8
10
18
12
B
IB=8.5uA
17uA
25.5uA
34uA
42.5uA
51uA
59.5uA
68uA
76.5uA
76.5uA
85uA
Typ.
Ta=25°C
Ta=100°C



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com