Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3872 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LP3872
Description  1.5A Fast Ultra Low Dropout Linear Regulators
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP3872 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LP3872 Datasheet HTML 1Page - National Semiconductor (TI) LP3872 Datasheet HTML 2Page - National Semiconductor (TI) LP3872 Datasheet HTML 3Page - National Semiconductor (TI) LP3872 Datasheet HTML 4Page - National Semiconductor (TI) LP3872 Datasheet HTML 5Page - National Semiconductor (TI) LP3872 Datasheet HTML 6Page - National Semiconductor (TI) LP3872 Datasheet HTML 7Page - National Semiconductor (TI) LP3872 Datasheet HTML 8Page - National Semiconductor (TI) LP3872 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
LP3872/LP3875
1.5A Fast Ultra Low Dropout Linear Regulators
General Description
The LP3872/LP3875 series of fast ultra low-dropout linear
regulators operate from a +2.5V to +7.0V input supply. Wide
range of preset output voltage options are available. These
ultra low dropout linear regulators respond very quickly to
step changes in load, which makes them suitable for low
voltage microprocessor applications. The LP3872/LP3875
are developed on a CMOS process which allows low quies-
cent current operation independent of output load current.
This CMOS process also allows the LP3872/LP3875 to op-
erate under extremely low dropout conditions.
Dropout Voltage: Ultra low dropout voltage; typically 38mV
at 150mA load current and 380mV at 1.5A load current.
Ground Pin Current: Typically 6mA at 1.5A load current.
Shutdown Mode: Typically 10nA quiescent current when
the shutdown pin is pulled low.
Error Flag: Error flag goes low when the output voltage
drops 10% below nominal value.
SENSE: Sense pin improves regulation at remote loads.
Precision Output Voltage: Multiple output voltage options
are available ranging from 1.8V to 5.0V with a guaranteed
accuracy of ±1.5% at room temperature, and ±3.0% over all
conditions (varying line, load, and temperature).
Features
n
Ultra low dropout voltage
n
Low ground pin current
n
Load regulation of 0.06%
n
10nA quiescent current in shutdown mode
n
Guaranteed output current of 1.5A DC
n
Available in TO-263, TO-220 and SOT-223 packages
n
Output voltage accuracy ± 1.5%
n
Error flag indicates output status
n
Sense option improves load regulation
n
Minimum output capacitor requirements
n
Overtemperature/overcurrent protection
n
−40˚C to +125˚C junction temperature range
Applications
n
Microprocessor power supplies
n
GTL, GTL+, BTL, and SSTL bus terminators
n
Power supplies for DSPs
n
SCSI terminator
n
Post regulators
n
High efficiency linear regulators
n
Battery chargers
n
Other battery powered applications
Typical Application Circuits
20063301
*SD and ERROR pins must be pulled high through a 10k
Ω pull-up resistor. Connect the ERROR pin to ground if this function is not used. See application hints
for more information.
September 2006
© 2006 National Semiconductor Corporation
DS200633
www.national.com


Similar Part No. - LP3872

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP3872 TI1-LP3872 Datasheet
2Mb / 28P
1.5-A Fast Ultra-Low-Dropout Linear Regulators
LP3872EMP-1.8/NOPB TI1-LP3872EMP-1.8/NOPB Datasheet
2Mb / 25P
LP3872/LP3875 1.5A Fast Ultra Low Dropout Linear Regulators
LP3872EMP-1.8/NOPB TI1-LP3872EMP-1.8/NOPB Datasheet
2Mb / 28P
1.5-A Fast Ultra-Low-Dropout Linear Regulators
LP3872EMP-2.5/NOPB TI1-LP3872EMP-2.5/NOPB Datasheet
2Mb / 25P
LP3872/LP3875 1.5A Fast Ultra Low Dropout Linear Regulators
LP3872EMP-2.5/NOPB TI1-LP3872EMP-2.5/NOPB Datasheet
2Mb / 28P
1.5-A Fast Ultra-Low-Dropout Linear Regulators
More results

Similar Description - LP3872

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP3852 NSC-LP3852 Datasheet
384Kb / 19P
1.5A Fast Response Ultra Low Dropout Linear Regulators
LP3892 NSC-LP3892 Datasheet
315Kb / 12P
1.5A Fast-Response Ultra Low Dropout Linear Regulators
LP3962 NSC-LP3962 Datasheet
484Kb / 22P
1.5A Fast Ultra Low Dropout Linear Regulators
LP3875-ADJ NSC-LP3875-ADJ Datasheet
694Kb / 15P
1.5A Fast Ultra Low Dropout Linear Regulators
LP3962EP NSC-LP3962EP Datasheet
897Kb / 20P
1.5A Fast Ultra Low Dropout Linear Regulators
logo
Texas Instruments
LP3855-ADJ TI-LP3855-ADJ_15 Datasheet
2Mb / 22P
1.5A Fast Response Ultra Low Dropout Linear Regulators
LP3875-ADJ TI-LP3875-ADJ_15 Datasheet
1Mb / 20P
1.5A Fast Ultra Low Dropout Linear Regulators
LP3962 TI-LP3962_15 Datasheet
4Mb / 34P
1.5A Fast Ultra Low Dropout Linear Regulators
LP3882 TI1-LP3882 Datasheet
1Mb / 19P
1.5A Fast-Response Ultra Low Dropout Linear Regulators
LP3892 TI1-LP3892 Datasheet
1Mb / 18P
1.5A Fast-Response Ultra Low Dropout Linear Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com