Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M48T248Y Datasheet(PDF) 11 Page - STMicroelectronics

Part # M48T248Y
Description  5.0 or 3.3V, 1024K TIMEKEEPER SRAM with PHANTOM
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M48T248Y Datasheet(HTML) 11 Page - STMicroelectronics

Back Button M48T248Y Datasheet HTML 7Page - STMicroelectronics M48T248Y Datasheet HTML 8Page - STMicroelectronics M48T248Y Datasheet HTML 9Page - STMicroelectronics M48T248Y Datasheet HTML 10Page - STMicroelectronics M48T248Y Datasheet HTML 11Page - STMicroelectronics M48T248Y Datasheet HTML 12Page - STMicroelectronics M48T248Y Datasheet HTML 13Page - STMicroelectronics M48T248Y Datasheet HTML 14Page - STMicroelectronics M48T248Y Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
11/24
M48T248Y, M48T248V
Figure 8. Memory WRITE Cycle 2
Note: 1. OE = VIH or VIL. If OE = VIH during a WRITE cycle, the output buffers remain in a high impedance state.
2. If WE is low or the WE low transition occurs prior to or simultaneously with the CE low transition, the output buffers remain in a high
impedance state during this period.
AI04232
DQ0–DQ7
ADDRESSES
WE
CE
DATA IN
STABLE
tWR
tOEW
tWC
tODW
tDS
tDH
tCOE
tWP
tAW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com