Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ABAT54SW-HF Datasheet(PDF) 1 Page - Comchip Technology

Part # ABAT54SW-HF
Description  SMD Schottky Barrier Diodes
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

ABAT54SW-HF Datasheet(HTML) 1 Page - Comchip Technology

  ABAT54SW-HF Datasheet HTML 1Page - Comchip Technology ABAT54SW-HF Datasheet HTML 2Page - Comchip Technology ABAT54SW-HF Datasheet HTML 3Page - Comchip Technology ABAT54SW-HF Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SMD Schottky Barrier Diodes
RoHS Device
ABAT54W-HF Series
Comchip Technology CO., LTD.
Halogen Free
Features
- Extremely high switching speed.
Circuit Diagram
ABAT54W-HF
1
2
3
ABAT54CW-HF
1
2
3
ABAT54AW-HF
1
2
3
ABAT54SW-HF
1
2
3
Dimensions in inches and (millimeter)
SOT-323
3
1
2
0.053(1.35)
0.045(1.15)
0.087(2.20)
0.079(2.00)
0.055(1.40)
0.047(1.20)
0.039(1.00)
0.035(0.90)
0.004(0.10)
0.000(0.00)
0.018(0.46)
0.010(0.26)
0.006(0.15)
0.003(0.08)
0.096(2.45)
0.085(2.15)
0.016(0.40)
0.008(0.20)
Mechanical data
- Case: SOT-323, molded plastic.
- Terminals: Tin plated, solderable per
MIL-STD-750, method 2026.
- Mounting position: Any.
REV:A
Page 1
AQW-JB048
- AEC-Q101 Qualified.
- Low forward voltage.
Maximum Rating (at TJ=25°C unless otherwise noted)
Symbol
Value
Unit
Parameter
V
30
VRWM
30
V
mA
PD
600
°C/W
500
Thermal resistance, junction to ambient
Power dissipation
200
Working peak reverse voltage
Peak repetitive reverse voltage
VRRM
RθJA
TSTG
Storage temperature range
°C
Operation junction temperature range
TJ
-55 to +150
IFSM
mW
°C
-40 to +125
Peak repetitive forward current @ t ≤ 1s, δ ≤ 0.5
IFRM
mA
300
Non-repetitive peak forward surge current @ t = 8.3ms
DC blocking voltage
IO
200
V
Forward continuous current
mA
30
VR


Similar Part No. - ABAT54SW-HF

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
ABAT54M-HF COMCHIP-ABAT54M-HF Datasheet
465Kb / 4P
Small Signal Schottky Diodes
REV:A
ABAT54WS-HF COMCHIP-ABAT54WS-HF Datasheet
469Kb / 4P
Small Signal Schottky Diodes
REV:A
More results

Similar Description - ABAT54SW-HF

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CDBW0520 COMCHIP-CDBW0520 Datasheet
59Kb / 2P
SMD Schottky Barrier Diodes
CDBV120-G COMCHIP-CDBV120-G_12 Datasheet
106Kb / 4P
SMD Schottky Barrier Diodes
CDBW120-G COMCHIP-CDBW120-G_12 Datasheet
103Kb / 4P
SMD Schottky Barrier Diodes
RB521BS-30 COMCHIP-RB521BS-30 Datasheet
316Kb / 4P
SMD Schottky Barrier Diodes
RB521BS-30 COMCHIP-RB521BS-30 Datasheet
316Kb / 4P
SMD Schottky Barrier Diodes
logo
Diotec Semiconductor
LL101B DIOTEC-LL101B_16 Datasheet
142Kb / 2P
SMD Schottky Barrier Diodes
SD101AW DIOTEC-SD101AW_16 Datasheet
132Kb / 2P
SMD Schottky Barrier Diodes
SD103AW DIOTEC-SD103AW_16 Datasheet
131Kb / 2P
SMD Schottky Barrier Diodes
logo
Comchip Technology
CDBQC0530L-HF COMCHIP-CDBQC0530L-HF Datasheet
81Kb / 4P
SMD Schottky Barrier Diodes
RB521G-30HF COMCHIP-RB521G-30HF Datasheet
191Kb / 4P
SMD Schottky Barrier Diodes
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com