Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACDBUT240LA-HF Datasheet(PDF) 2 Page - Comchip Technology

Part # ACDBUT240LA-HF
Description  Schottky Barrier rectifier
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

ACDBUT240LA-HF Datasheet(HTML) 2 Page - Comchip Technology

  ACDBUT240LA-HF Datasheet HTML 1Page - Comchip Technology ACDBUT240LA-HF Datasheet HTML 2Page - Comchip Technology ACDBUT240LA-HF Datasheet HTML 3Page - Comchip Technology ACDBUT240LA-HF Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Typical Rating and Characteristic Curves (ACDBUT240LA-HF)
Comchip Technology CO., LTD.
REV:A
Page 2
10
Reverse Voltage, VR (V)
1
Fig.3 - Typical Reverse Characteristic
100
0
10000
1000
40
8
16
24
Fig.4 - Typical Forward Characteristic
0
Positive Guide Voltage, (V)
0.01
0.2
0.8
0.4
1
10
0.6
Fig.2 - Surge Forward Current Capability
1
100
0
Number of Cycles at 60Hz
10
40
60
20
30
10
50
Fig.1 - IO ― TL Curve
0
150
100
0
Lead Temperature, TL (°C)
50
1.2
75
25
2.4
1.6
2.0
Schottky Barrier rectifier
125
0.4
0.8
32
0.1
0.1
0.7
0.3
0.5
T=125°C
T=25°C
8.3ms single half sine wave
AQW-JB057



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com