Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M48T248YPM Datasheet(PDF) 22 Page - STMicroelectronics

Part # M48T248YPM
Description  5.0 or 3.3V, 1024K TIMEKEEPER SRAM with PHANTOM
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M48T248YPM Datasheet(HTML) 22 Page - STMicroelectronics

Back Button M48T248YPM Datasheet HTML 16Page - STMicroelectronics M48T248YPM Datasheet HTML 17Page - STMicroelectronics M48T248YPM Datasheet HTML 18Page - STMicroelectronics M48T248YPM Datasheet HTML 19Page - STMicroelectronics M48T248YPM Datasheet HTML 20Page - STMicroelectronics M48T248YPM Datasheet HTML 21Page - STMicroelectronics M48T248YPM Datasheet HTML 22Page - STMicroelectronics M48T248YPM Datasheet HTML 23Page - STMicroelectronics M48T248YPM Datasheet HTML 24Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 22 / 24 page
background image
M48T248Y, M48T248V
22/24
PART NUMBERING
Table 14. Ordering Information Example
For a list of available options (e.g., Speed, Package) or for further information on any aspect of this device,
please contact the ST Sales Office nearest to you.
Example:
M48T
248Y
–70
PM
1
TR
Device Type
M48T
Supply Voltage and Write Protect Voltage
248Y = VCC = 4.5 to 5.5V; VPFD = 4.25 to 4.50V
248V = VCC = 3.0 to 3.6V; VPFD = 2.80 to 2.97V
Speed
–70 = 70ns (M48T248Y)
–85 = 85ns (M48T248V)
Package
PM = PMDIP32
Temperature Range
1 = 0 to 70°C
Shipping Method for SOIC
blank = Tubes
TR = Tape & Reel



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com