Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP22804 Datasheet(PDF) 14 Page - Diodes Incorporated

Part # AP22804
Description  SINGLE CHANNEL POWER DISTRIBUTION LOAD SWITCH
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP22804 Datasheet(HTML) 14 Page - Diodes Incorporated

Back Button AP22804 Datasheet HTML 10Page - Diodes Incorporated AP22804 Datasheet HTML 11Page - Diodes Incorporated AP22804 Datasheet HTML 12Page - Diodes Incorporated AP22804 Datasheet HTML 13Page - Diodes Incorporated AP22804 Datasheet HTML 14Page - Diodes Incorporated AP22804 Datasheet HTML 15Page - Diodes Incorporated AP22804 Datasheet HTML 16Page - Diodes Incorporated AP22804 Datasheet HTML 17Page - Diodes Incorporated AP22804 Datasheet HTML 18Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 19 page
background image
AP22804 / AP22814
Document number: DS39137 Rev. 1 - 2
14 of 19
www.diodes.com
November 2016
© Diodes Incorporated
AP22804 / AP22814
Application Information (Cont.)
Discharge Function
The discharge function of the device is active when enable is disabled or de-asserted. The discharge function with the N-MOS power switch
implementation is activated and offers a resistive discharge path for the external storage capacitor. This is designed for discharging any residue of
the output voltage when either no external output resistance or load resistance is present at the output.
Output Reverse-Voltage / Current Protection
The output reverse-voltage protection turns off the MOSFET switch whenever the output voltage is higher than the input voltage by 50mV for 6ms
and the MOSFET switch will turn on when output reverse-voltage/current conditions is removed.
Power Dissipation and Junction Temperature
The low on-resistance of the internal MOSFET allows the small surface-mount packages to pass large current. Using the maximum operating
ambient temperature (TA) and RDS(ON), the power dissipation can be calculated by:
PD = RDS(ON)× I
2
Finally, calculate the junction temperature:
TJ = PD x RJA + TA
Where:
TA = Ambient temperature °C
RJA = Thermal resistance
PD = Total power dissipation
Board Layout Instruction
Placing input and output capacitors, 1
μF and 0.1μF+100μF respectively, close and next to the device pins must be implemented to minimize the
effects of parasitic inductance. For best performance, all trace lengths should be kept as short as possible. The input and output PCB traces
should be as wide as possible. Use a ground plane to enhance the power dissipation capability of the device.
Ordering Information
AP228X4 X X - X
Packing
Package
M8 : MSOP-8
W5 : SOT25
SN : U-DFN2020-6
-7 : Tape & Reel
-13 : Tape & Reel
Enable
A : Active High
B : Active Low
Output
Current
0 : 2.5A
1 : 3.0A
Part Number
Package
Code
Packaging
7
”/13” Tape and Reel
Quantity
Part Number Suffix
AP228X4AM8-13
M8
MSOP-8
2500/Tape & Reel
-13
AP228X4AW5-7
W5
SOT25
3000/Tape & Reel
-7
AP228X4ASN-7
SN
U-DFN2020-6
3000/Tape & Reel
-7
AP228X4BM8-13
M8
MSOP-8
2500/Tape & Reel
-13
AP228X4BW5-7
W5
SOT25
3000/Tape & Reel
-7
AP228X4BSN-7
SN
U-DFN2020-6
3000/Tape & Reel
-7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com