Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DMN3006SCA6 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # DMN3006SCA6
Description  N-CHANNEL ENHANCEMENT MODE MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMN3006SCA6 Datasheet(HTML) 3 Page - Diodes Incorporated

  DMN3006SCA6 Datasheet HTML 1Page - Diodes Incorporated DMN3006SCA6 Datasheet HTML 2Page - Diodes Incorporated DMN3006SCA6 Datasheet HTML 3Page - Diodes Incorporated DMN3006SCA6 Datasheet HTML 4Page - Diodes Incorporated DMN3006SCA6 Datasheet HTML 5Page - Diodes Incorporated DMN3006SCA6 Datasheet HTML 6Page - Diodes Incorporated DMN3006SCA6 Datasheet HTML 7Page - Diodes Incorporated DMN3006SCA6 Datasheet HTML 8Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
DMN3006SCA6
Document number: DS41380 Rev. 3 - 2
3 of 8
www.diodes.com
July 2020
© Diodes Incorporated
DMN3006SCA6
0.0
5.0
10.0
15.0
20.0
25.0
30.0
0
0.4
0.8
1.2
1.6
2
V
SS, SOURCE-SOURCE VOLTAGE (V)
Figure 1. Typical Output Characteristic
V
GS = 2.2V
V
GS = 2.5V
V
GS = 2.8V
V
GS = 3.0V
V
GS = 3.5V
V
GS = 4.0V
V
GS = 4.5V
V
GS = 10V
0
5
10
15
20
25
30
1
1.5
2
2.5
3
V
GS, GATE-SOURCE VOLTAGE (V)
Figure 2. Typical Transfer Characteristic
V
SS = 5V
TJ = -55
℃
TJ = 25
℃
TJ = 85
℃
TJ = 125
℃
TJ = 150
℃
0.002
0.003
0.004
0.005
0.006
0.007
0.008
0
2
4
6
8
10
12
14
16
18
20
I
S, SOURCE-SOURCE CURRENT (A)
Figure 3. Typical On-Resistance vs. Source Current
and Gate Voltage
V
GS = 10V
V
GS = 8.0V
V
GS = 4.5V
0
0.005
0.01
0.015
0.02
0.025
0.03
0.035
0.04
0.045
0.05
0
2
4
6
8
10
12
14
16
18
20
V
GS, GATE-SOURCE VOLTAGE (V)
Figure 4. Typical Transfer Characteristic
I
S = 5.0A



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com