Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E010 Datasheet(PDF) 5 Page - ITT Industries

Part # E010
Description  Sealed Momentary Pushbutton Switches
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

E010 Datasheet(HTML) 5 Page - ITT Industries

  E010 Datasheet HTML 1Page - ITT Industries E010 Datasheet HTML 2Page - ITT Industries E010 Datasheet HTML 3Page - ITT Industries E010 Datasheet HTML 4Page - ITT Industries E010 Datasheet HTML 5Page - ITT Industries E010 Datasheet HTML 6Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
A-44
Dimensions are shown: IN (mm)
Dimensions subject to change
www.ittcannon.com
C&K E010 Series
Sealed Momentary Pushbutton Switches
CONTACT MATERIAL
SEAL
AVAILABLE HARDWARE
Third Angle
Projection
A
.200 DIA.
(5,08 )
.120
(3,05)
.155
(3,94)
.375 DIA.
(9,53 )
.120
(3,05)
.250
(6,35)
.310 DIA.
(7,87 )
.250
(6,35)
.138
(3,51)
E
(STD.) EPOXY SEAL
Cap
PART NO.
708901000
WHITE
708902000
BLACK
708903000
RED
Material: Nylon
Finish: Gloss
Cap
PART NO.
752701000
WHITE
752702000
BLACK
752703000
RED
Material: Nylon
Finish: Gloss
Cap
PART NO.
801801000
WHITE
801802000
BLACK
801803000
RED
Material: Nylon
Finish: Gloss
NOTE:
Additional nuts, locking rings and lockwashers available separately, see section N.
Other cap colors available, consult Customer Service Center.
0.4 VA MAX @ 20 V AC OR DC MAX. OR
4 AMPS @ 125 V AC OR 28 V DC.
LOW LEVEL/DRY CIRCUIT OR POWER
GOLD 3
GOLD OVER SILVER 2,3
G
4 AMPS @ 125 V AC OR 28 V DC.
POWER
SILVER 5
SILVER 4,5
Q (STD.)
0.4 VA MAX. @ 20 V AC OR DC MAX.
LOW LEVEL/DRY CIRCUIT
GOLD 1
TIN-LEAD 6
GOLD 1
B (STD.)
K
RATINGS
TERMINAL
PLATING
CONTACT
MATERIAL
OPTION
CODE
CONTACT MATERIAL/APPLICATION RECOMMENDATIONS–SEE SECTION N.
1 CONTACTS & TERMINALS: Copper alloy, with gold plate over nickel plate.
2 END CONTACTS: Coin silver, with gold plate over nickel plate.
3 CENTER CONTACTS & ALL TERMINALS: Coin silver, with gold plate
over nickel plate.
4 END CONTACTS: Coin silver, silver plated.
5 CENTER CONTACTS & ALL TERMINALS: Copper alloy, silver plated.
6 TERMINALS: Copper alloy, with tin-lead alloy over nickel plate.
All models
with all options when ordered with G or Q contact material.
B contact material standard with all terminations except C, Z.
B contact material must be ordered with R2 terminations.
Q contact material standard with C, Z terminations.
K contact materials not available with Z terminations.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com