Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FN55 Datasheet(PDF) 1 Page - Tyco Electronics

Part # FN55
Description  High Performance, Low Loss Coaxial Cable
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

FN55 Datasheet(HTML) 1 Page - Tyco Electronics

  FN55 Datasheet HTML 1Page - Tyco Electronics FN55 Datasheet HTML 2Page - Tyco Electronics FN55 Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Data for FN55 cable
Electrical:
Frequency Range:
DC to 10 GHz theoretical
Assemblies are offered to 10 GHz*
Insertion Loss:
See sheet 3 (IL @ 1 GHz is 3.242 dB/100 ft)
Power Handling:
See sheet 3
Impedance:
50 Ohms Nominal
Velocity of Propagation:
76 percent nominal
Time delay:
1.337 nanoseconds/foot nominal
(4.386 nanoseconds/meter nominal)
Capacitance:
26.8 picoFarads/foot nominal
(87.9 picoFarads/meter nominal)
Mechanical:
Construction Details:
See sheet 2
Dimensions:
See sheet 2
Minimum Bend Radius:
1.65 inches (41.91mm) Static
2.75 inches (69.85mm) Dynamic
Flexure:
>100,000 cycles per MIL-C-87104
Weight:
0.2500 lb/ft (372.37 g/m) nominal
Maximum Assembly Length:
Approximately 1000 feet (304.8 m)
Available in Bulk:
No
Environmental:
Temperature:
-55°C to 200°C
* Upper frequency limit of assemblies may be restricted by the connector types selected
High Performance, Low Loss Coaxial Cable
FN55
M/A-COM Inc. and its affiliates reserve the right to make changes to the
product(s) or information contained herein without notice. M/A-COM makes
no warranty, representation or guarantee regarding the suitability of its
products for any particular purpose, nor does M/A-COM assume any liability
whatsoever arising out of the use or application of any product(s) or
information.
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macom.com for additional data sheets and product information.
V1


Similar Part No. - FN55

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FN5000109 ETC2-FN5000109 Datasheet
252Kb / 3P
3.3V CMOS Low Jitter XO
FN5000110 ETC2-FN5000110 Datasheet
252Kb / 3P
3.3V CMOS Low Jitter XO
FN5040-10-83 ETC2-FN5040-10-83 Datasheet
886Kb / 8P
LC Sine Wave Filter for Motor Drives
FN5040-115-87 ETC2-FN5040-115-87 Datasheet
886Kb / 8P
LC Sine Wave Filter for Motor Drives
FN5040-1200-99 ETC2-FN5040-1200-99 Datasheet
886Kb / 8P
LC Sine Wave Filter for Motor Drives
More results

Similar Description - FN55

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
FN61 MACOM-FN61 Datasheet
47Kb / 3P
High Performance, Low Loss Coaxial Cable
logo
CRYSTEK CORPORATION
CCK40-MM-160-30 CRYSTEKMICROWAVE-CCK40-MM-160-30 Datasheet
451Kb / 2P
40GHz Low Loss Coaxial Cables
CCSMA-MM-LL142-12 CRYSTEKMICROWAVE-CCSMA-MM-LL142-12 Datasheet
684Kb / 5P
LL142 50 Ohm 18GHz Low Loss Coaxial Cables
CCASMA-MM-LL142-24 CRYSTEKMICROWAVE-CCASMA-MM-LL142-24 Datasheet
563Kb / 4P
Armored 50 Ohm 18GHz Low Loss Coaxial Cables
logo
List of Unclassifed Man...
CX4C0 ETC2-CX4C0 Datasheet
71Kb / 2P
Low loss coaxial cable offer an optimum attenuation performance in cable broadband communication networks where longer runs are required
logo
CRYSTEK CORPORATION
CC2450-MM-150-24 CRYSTEKMICROWAVE-CC2450-MM-150-24 Datasheet
1Mb / 2P
50 GHz Low Loss Coaxial Cables
CCK26.5-MM-190-30 CRYSTEKMICROWAVE-CCK26.5-MM-190-30 Datasheet
1Mb / 3P
26.5 GHz Low Loss Coaxial Cables
logo
Marki Microwave
C-0250 MARKIMICROWAVE-C-0250 Datasheet
355Kb / 2P
Low Insertion Loss Broadband Performance
C-0265 MARKIMICROWAVE-C-0265 Datasheet
259Kb / 3P
Low Insertion Loss Broadband Performance
logo
Times Microwave Systems...
SFT-600 TIMES-SFT-600 Datasheet
348Kb / 2P
Low Loss – High Performance Coax
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com