Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DMNH6009SPS-13 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # DMNH6009SPS-13
Description  60V 175°C N-CHANNEL ENHANCEMENT MODE MOSFET PowerDI5060-8
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMNH6009SPS-13 Datasheet(HTML) 3 Page - Diodes Incorporated

  DMNH6009SPS-13 Datasheet HTML 1Page - Diodes Incorporated DMNH6009SPS-13 Datasheet HTML 2Page - Diodes Incorporated DMNH6009SPS-13 Datasheet HTML 3Page - Diodes Incorporated DMNH6009SPS-13 Datasheet HTML 4Page - Diodes Incorporated DMNH6009SPS-13 Datasheet HTML 5Page - Diodes Incorporated DMNH6009SPS-13 Datasheet HTML 6Page - Diodes Incorporated DMNH6009SPS-13 Datasheet HTML 7Page - Diodes Incorporated DMNH6009SPS-13 Datasheet HTML 8Page - Diodes Incorporated DMNH6009SPS-13 Datasheet HTML 9Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
DMNH6009SPS
Document number: DS41482 Rev. 3 - 2
3 of 9
www.diodes.com
March 2020
© Diodes Incorporated
DMNH6009SPS
Electrical Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
OFF CHARACTERISTICS (Note 9)
Drain-Source Breakdown Voltage
BVDSS
60
—
—
V
VGS = 0V, ID = 1mA
Zero Gate Voltage Drain Current, TJ = +25°C
IDSS
—
—
1
µA
VDS = 48V, VGS = 0V
Gate-Source Leakage
IGSS
—
—
±100
nA
VGS = ±20V, VDS = 0V
ON CHARACTERISTICS (Note 9)
Gate Threshold Voltage
VGS(TH)
1
2
3
V
VDS = VGS, ID = 250μA
Static Drain-Source On-Resistance
RDS(ON)
—
4.6
7.3
m
Ω
VGS = 10V, ID = 50A
Static Drain-Source On-Resistance
RDS(ON)
—
7.1
15
m
Ω
VGS = 4.5V, ID = 25A
Diode Forward Voltage
VSD
—
0.7
1.2
V
VGS = 0V, IS = 1.7A
DYNAMIC CHARACTERISTICS (Note 10)
Input Capacitance
Ciss
—
1882
—
pF
VDS = 30V, VGS = 0V,
f = 1MHz
Output Capacitance
Coss
—
374
—
pF
Reverse Transfer Capacitance
Crss
—
111
—
pF
Gate Resistance
Rg
—
2.1
—
Ω
VDS = 0V, VGS = 0V, f = 1MHz
Total Gate Charge (VGS = 4.5V)
Qg
—
18.5
—
nC
VDS = 30V, ID = 25A
Total Gate Charge (VGS = 10V)
Qg
—
37.3
—
nC
Gate-Source Charge
Qgs
—
5.0
—
nC
Gate-Drain Charge
Qgd
—
11.2
—
nC
Turn-On Delay Time
tD(ON)
—
5.7
—
ns
VGS = 10V, VDS = 30V,
Rg = 3Ω, ID = 25A
Turn-On Rise Time
tR
—
7.5
—
ns
Turn-Off Delay Time
tD(OFF)
—
16.9
—
ns
Turn-Off Fall Time
tF
—
6.3
—
ns
Body Diode Reverse Recovery Time
tRR
—
32
—
ns
IF = 25A, di/dt = 100A/μs
Body Diode Reverse Recovery Charge
QRR
—
30
—
nC
Notes:
9. Short duration pulse test used to minimize self-heating effect.
10. Guaranteed by design. Not subject to product testing.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com