Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M48T212YMH Datasheet(PDF) 24 Page - STMicroelectronics

Part # M48T212YMH
Description  5V/3.3V TIMEKEEPER CONTROLLER Supervisor
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M48T212YMH Datasheet(HTML) 24 Page - STMicroelectronics

Back Button M48T212YMH Datasheet HTML 20Page - STMicroelectronics M48T212YMH Datasheet HTML 21Page - STMicroelectronics M48T212YMH Datasheet HTML 22Page - STMicroelectronics M48T212YMH Datasheet HTML 23Page - STMicroelectronics M48T212YMH Datasheet HTML 24Page - STMicroelectronics M48T212YMH Datasheet HTML 25Page - STMicroelectronics M48T212YMH Datasheet HTML 26Page - STMicroelectronics M48T212YMH Datasheet HTML 27Page - STMicroelectronics M48T212YMH Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 32 page
background image
M48T212Y, M48T212V
24/32
DC AND AC PARAMETERS
This section summarizes the operating and mea-
surement conditions, as well as the DC and AC
characteristics of the device. The parameters in
the following DC and AC Characteristic tables are
derived from tests performed under the Measure-
ment Conditions listed in the relevant tables. De-
signers should check that the operating conditions
in their projects match the measurement condi-
tions when using the quoted parameters.
Table 12. DC and AC Measurement Conditions
Note: Output High Z is defined as the point where data is no longer driven.
Figure 14. AC Testing Load Circuit
Note: Excluding open-drain output pins; 50pF for M48T212V.
1. DQ0-DQ7
2. E1CON and E2CON
Table 13. Capacitance
Note: 1. Effective capacitance measured with power supply at 5V (M48T212Y) or 3.3V (M48T212V); sampled only, not 100% tested.
2. At 25°C, f = 1MHz.
3. Outputs deselected.
Parameter
M48T212Y
M48T212V
VCC Supply Voltage
4.5 to 5.5V
3.0 to 3.6V
Ambient Operating Temperature
Grade 1
0 to 70°C
0 to 70°C
Grade 6
–40 to 85°C
–40 to 85°C
Load Capacitance (CL)
100pF
50pF
Input Rise and Fall Times
≤ 5ns
≤ 5ns
Input Pulse Voltages
0 to 3V
0 to 3V
Input and Output Timing Ref. Voltages
1.5V
1.5V
AI03239
CL = 100pF or 5pF
(1)
CL = 30 pF
(2)
645
Ω
DEVICE
UNDER
TEST
1.75V
CL includes JIG capacitance
Symbol
Parameter(1,2)
Min
Max
Unit
CIN
Input Capacitance
10
pF
COUT
(3)
Input/Output Capacitance
10
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com