Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M48T35AY Datasheet(PDF) 2 Page - STMicroelectronics

Part # M48T35AY
Description  256 Kbit 32Kb x8 TIMEKEEPER SRAM
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M48T35AY Datasheet(HTML) 2 Page - STMicroelectronics

  M48T35AY Datasheet HTML 1Page - STMicroelectronics M48T35AY Datasheet HTML 2Page - STMicroelectronics M48T35AY Datasheet HTML 3Page - STMicroelectronics M48T35AY Datasheet HTML 4Page - STMicroelectronics M48T35AY Datasheet HTML 5Page - STMicroelectronics M48T35AY Datasheet HTML 6Page - STMicroelectronics M48T35AY Datasheet HTML 7Page - STMicroelectronics M48T35AY Datasheet HTML 8Page - STMicroelectronics M48T35AY Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
M48T35AY, M48T35AV
2/19
Figure 2A. DIP Connections
A1
A0
DQ0
A7
A4
A3
A2
A6
A5
A13
A10
A8
A9
DQ7
W
A11
G
E
DQ5
DQ1
DQ2
DQ3
VSS
DQ4
DQ6
A12
A14
VCC
AI02798B
8
1
2
3
4
5
6
7
9
10
11
12
13
14
16
15
28
27
26
25
24
23
22
21
20
19
18
17
M48T35AY
M48T35AV
Figure 2B. SOIC Connections
AI02799
8
2
3
4
5
6
7
9
10
11
12
13
14
22
21
20
19
18
17
16
15
28
27
26
25
24
23
1
A1
A0
DQ0
A7
A4
A3
A2
A6
A5
A13
A10
A8
A9
DQ7
W
A11
G
E
DQ5
DQ1
DQ2
DQ3
VSS
DQ4
DQ6
A12
A14
VCC
M48T35AY
M48T35AV
completion of the surface mount process. Inser-
tion of the SNAPHAT housing after reflow pre-
vents potential battery and crystal damage due to
the high temperatures required for device surface-
mounting. The SNAPHAT housing is keyed to pre-
vent reverse insertion.
The SOIC and battery/crystal packages are
shipped separately in plastic anti-static tubes or in
Tape & Reel form.
For the 28 lead SOIC, the battery/crystal package
(i.e.
SNAPHAT)
part
number
is
"M4T28-
BR12SH1".
As Figure 3 shows, the static memory array and
the quartz controlled clock oscillator of the
M48T35AY/35AV are integrated on one silicon
chip. The two circuits are interconnected at the up-
per eight memory locations to provide user acces-
sible BYTEWIDE™ clock information in the bytes
with addresses 7FF8h-7FFFh.
The clock locations contain the year, month, date,
day, hour, minute, and second in 24 hour BCD for-
mat. Corrections for 28, 29 (leap year), 30, and 31
day months are made automatically. Byte 7FF8h
is the clock control register. This byte controls user
access to the clock information and also stores the
clock calibration setting.
Table 1. Signal Names
A0-A14
Address Inputs
DQ0-DQ7
Data Inputs / Outputs
E
Chip Enable
G
Output Enable
W
Write Enable
VCC
Supply Voltage
VSS
Ground
The 28 pin 600mil DIP CAPHAT™ houses the
M48T35AY/35AV silicon with a quartz crystal and
a long life lithium button cell in a single package.
The 28 pin 330mil SOIC provides sockets with
gold plated contacts at both ends for direct con-
nection to a separate SNAPHAT housing contain-
ing the battery and crystal. The unique design
allows the SNAPHAT battery package to be
mounted on top of the SOIC package after the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com