Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M48T35Y Datasheet(PDF) 13 Page - STMicroelectronics

Part # M48T35Y
Description  256 Kbit 32Kb x8 TIMEKEEPER SRAM
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M48T35Y Datasheet(HTML) 13 Page - STMicroelectronics

Back Button M48T35Y Datasheet HTML 9Page - STMicroelectronics M48T35Y Datasheet HTML 10Page - STMicroelectronics M48T35Y Datasheet HTML 11Page - STMicroelectronics M48T35Y Datasheet HTML 12Page - STMicroelectronics M48T35Y Datasheet HTML 13Page - STMicroelectronics M48T35Y Datasheet HTML 14Page - STMicroelectronics M48T35Y Datasheet HTML 15Page - STMicroelectronics M48T35Y Datasheet HTML 16Page - STMicroelectronics M48T35Y Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
13/18
M48T35, M48T35Y
Table 12. Ordering Information Scheme
Note: 1. The M48T35 part is offered with the PCDIP28 (i.e. CAPHAT) package only.
2. The SOIC package (SOH28) requires the battery package (SNAPHAT) which is ordered separately under the part number
"M4TXX-BR12SH1" in plastic tube or "M4TXX-BR12SH1TR" in Tape & Reel form.
3. Available in SOIC package only.
Caution: Do not place the SNAPHAT battery package "M4TXX-BR12SH1" in conductive foam since will drain the lithium button-cell bat-
tery.
For a list of available options (Speed, Package, etc...) or for further information on any aspect of this de-
vice, please contact the ST Sales Office nearest to you.
Example:
M48T35Y
-70 MH
1
TR
Device Type
M48T
Supply Voltage and Write Protect Voltage
35 (1) = VCC = 4.75V to 5.5V; VPFD = 4.5V to 5.5V
35Y = VCC = 4.5V to 5.5V; VPFD = 4.2V to 4.5V
Speed
-70 = 70ns
Package
PC = PCDIP28
MH (2) = SOH28
Temperature Range
1 = 0 to 70 °C
6 (3) = –40 to 85 °C
Shipping Method for SOIC
blank = Tubes
TR = Tape & Reel
Table 13. Revision History
Date
Revision Details
November 1999
First Issue
02/07/00
tDR Description changed (Table 7)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com