Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TIP120 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # TIP120
Description  Darlington Transistors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TIP120 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  TIP120 Datasheet HTML 1Page - List of Unclassifed Manufacturers TIP120 Datasheet HTML 2Page - List of Unclassifed Manufacturers TIP120 Datasheet HTML 3Page - List of Unclassifed Manufacturers TIP120 Datasheet HTML 4Page - List of Unclassifed Manufacturers TIP120 Datasheet HTML 5Page - List of Unclassifed Manufacturers TIP120 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
TIP120, 121, 122, 125, 126, 127
Darlington Transistors
Page 2
30/05/05 V1.0
Characteristic
Symbol
Minimum Maximum
Unit
OFF Characteristics
Collector-Emitter Sustaining Voltage (1)
(IC = 30mA, IB = 0)
TIP120, TIP125
TIP121, TIP126
TIP122, TIP127
VCEO(sus)
60
80
100
-
V
Collector Cut off Current
(VCE = 30V, IB = 0)
TIP120, TIP125
(VCE = 40V, IB = 0)
TIP121, TIP126
(VCE = 50V, IB = 0)
TIP122, TIP127
ICEO
-
0.5
0.5
0.5
mA
Collector Cut off Current
(VCB = 60V, IB = 0)
TIP120, TIP125
(VCB = 80V, IB = 0)
TIP121, TIP126
(VCB = 100V, IB = 0)
TIP122, TIP127
ICBO
-
0.2
0.2
0.2
Collector Cut off Current
(VEB =5.0V, IC = 0)
IEBO
-
2.0
ON Characteristics (1)
DC Current Gain
(IC = 0.5A, VCE = 3.0V)
(IC = 3.0A, VCE = 3.0V)
hFE
1000
1000
-
-
Collector-Emitter Saturation Voltage
(IC = 3.0A, IB = 12mA)
(IC = 5.0A, IB = 20mA)
VCE(sat)
-
2.0
4.0
V
Base-Emitter On Voltage
(IC = 3.0A, VCE = 3.0V)
VBE(on)
-
2.5
Dynamic Characteristics
Small-Signal Current Gain
(IC = 3.0A, VCE = 4.0V, f = 1.0MHz)
hfe
4.0
-
-
Output Capacitance
(VCB = 10V, IE = 0, f = 0.1MHz) TIP120, TIP121, TIP122
TIP125, TIP126, TIP127
Cob
-
300
250
pF
Electrical Characteristics (TC = 25°C unless otherwise noted)
(1) Pulse Test : Pulse Width = 300
µs, Duty Cycle ≤2.0%
FIGURE-1 POWER DERATING



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com