Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M48T37Y Datasheet(PDF) 21 Page - STMicroelectronics

Part # M48T37Y
Description  3.3V-5V 256 Kbit 32Kb x8 TIMEKEEPER SRAM
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M48T37Y Datasheet(HTML) 21 Page - STMicroelectronics

Back Button M48T37Y Datasheet HTML 17Page - STMicroelectronics M48T37Y Datasheet HTML 18Page - STMicroelectronics M48T37Y Datasheet HTML 19Page - STMicroelectronics M48T37Y Datasheet HTML 20Page - STMicroelectronics M48T37Y Datasheet HTML 21Page - STMicroelectronics M48T37Y Datasheet HTML 22Page - STMicroelectronics M48T37Y Datasheet HTML 23Page - STMicroelectronics M48T37Y Datasheet HTML 24Page - STMicroelectronics M48T37Y Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 29 page
background image
21/29
M48T37Y, M48T37V
DC AND AC PARAMETERS
This section summarizes the operating and mea-
surement conditions, as well as the DC and AC
characteristics of the device. The parameters in
the following DC and AC Characteristic tables are
derived from tests performed under the Measure-
ment Conditions listed in the relevant tables. De-
signers should check that the operating conditions
in their projects match the measurement condi-
tions when using the quoted parameters.
Table 9. Operating and AC Measurement Conditions
Note: Output Hi-Z is defined as the point where data is no longer driven.
Figure 13. AC Testing Load Circuit
Note: Excluding open-drain output pins
1. ; 50pF for M48T37V.
Table 10. Capacitance
Note: 1. Effective capacitance measured with power supply at 5V. Sampled only, not 100% tested.
2. At 25°C, f = 1MHz.
3. Outputs deselected.
Parameter
M48T37Y
M48T37V
Unit
Supply Voltage (VCC)
4.5 to 5.5
3.0 to 3.6
V
Ambient Operating Temperature (TA)
Grade 1
0 to 70
0 to 70
°C
Grade 6
–40 to 85
–40 to 85
°C
Load Capacitance (CL)
100
50
pF
Input Rise and Fall Times
≤ 10
≤ 10
ns
Input Pulse Voltages
0 to 3
0 to 3
V
Input and Output Timing Ref. Voltages
1.5
1.5
V
AI02325
CL = 100pF
(1)
CL includes JIG capacitance
645
Ω
DEVICE
UNDER
TEST
1.75V
Symbol
Parameter(1,2)
Min
Max
Unit
CIN
Input Capacitance
10
pF
CIO
(3)
Input / Output Capacitance
10
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com