Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

19N401L18 Datasheet(PDF) 4 Page - ITWSwitches

Part # 19N401L18
Description  SERIES 19N - MICROSWITCH
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITWSWITCHES [ITWSwitches]
Direct Link  https://www.itwswitches.com/
Logo ITWSWITCHES - ITWSwitches

19N401L18 Datasheet(HTML) 4 Page - ITWSwitches

  19N401L18 Datasheet HTML 1Page - ITWSwitches 19N401L18 Datasheet HTML 2Page - ITWSwitches 19N401L18 Datasheet HTML 3Page - ITWSwitches 19N401L18 Datasheet HTML 4Page - ITWSwitches  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
PUSHBUTTON SWITCHES
MECHANICAL /
ELECTRICAL (@125°C) /
CHARACTERISTICS:
Overtravel:
0.2mm (min) depress to case
Movement differential:
0.1mm reference
Mechanical life:
10,000,000 cycles
Operating force:
See ordering information
Current (max) for silver contact
versions
(Inductive rating 0,6 PF)
Low operating force:
250V a.c. Resistive 2A
250V a.c. Inductive 1A
28V d.c. Resistive 2,5A
28V d.c. Inductive 1A
Standard operating force:
250V a.c. Resistive 5A
250V a.c. Inductive 1A
28V d.c. Resistive 3A
28V d.c. Inductive 1A
All gold contact versions:
100mA 28 VDC Resistive
Current (min)
All silver contact versions:
10mA 5V d.c. Resistive
All gold contact versions:
1mA 5V d.c. Resistive
Life (nominal) – full load:
100,000 cycles
Dielectric strength:
1000V a.c.
Insulation resistance:
1G
Ω
Contact resistance (initial):
20m
Ω (max) silver
50m
Ω (max) gold
Contact bounce:
5ms (max), 1ms per individual
pulse
Soldering Information:
350° max. for 3 seconds
SERIES 19N - MICROSWITCH
+ 44 (0) 2392 656200
Designs and specifications are subject to change
without notice due to product improvement.
* Colours relate to wires for fully sealed version
MICROSWITCHES
* L18 represents that this lever is 18mm long (see product drawing). Non standard leaf lever lengths are available in
1mm increments from 18mm to 63mm. You may specify required lever length from between 18mm to 63mm as a
non standard option. If required, please reference the Sales Office.
ENVIRONMENTAL & PHYSICAL CHARACTERISTICS:
Ingress protection:
– with unsealed button - IP40
– with sealed button - IP67
Temperature:
-40°C to +125°C
Button material:
Polyester
Body Material:
Nylon 46
Contacts:
Silver versions:
Silver nickel alloy
Gold versions:
5 microns of gold on
copper/nickel
Terminals
Solder & PCB versions:
Tin plated brass
QC versions:
Brass
ORDERING INFORMATION:
Terminal
Contact
Button Op /
Auxiliary
Series Style
Material
Release Force
Actuator Fitted
19N
4 - Solder
0 - Silver
Op force
Rel force
– -
None fitted
5 - PCB
1 - Gold
1 - Unsealed 0.5N
0.07N
L18 - Standard
6 - QC
button
leaf lever
7 - Integral
2 - Sealed
2.0N
0.27N
R15 - Standard
wire leads
button
roller lever
3 - Unsealed 1.5N
0.27N
button
19N
INGRESS PROTECTION RATING KEY
CIRCUIT FORM
Series 19 June 15.qxd:Layout 1 17/06/2015 15:06 Page 15



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com