Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CWA-PRO-R Datasheet(PDF) 3 Page - NXP Semiconductors

Part # CWA-PRO-R
Description  Quick Reference Guide For CodeWarrior® Suites
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

CWA-PRO-R Datasheet(HTML) 3 Page - NXP Semiconductors

  CWA-PRO-R Datasheet HTML 1Page - NXP Semiconductors CWA-PRO-R Datasheet HTML 2Page - NXP Semiconductors CWA-PRO-R Datasheet HTML 3Page - NXP Semiconductors CWA-PRO-R Datasheet HTML 4Page - NXP Semiconductors CWA-PRO-R Datasheet HTML 5Page - NXP Semiconductors CWA-PRO-R Datasheet HTML 6Page - NXP Semiconductors CWA-PRO-R Datasheet HTML 7Page - NXP Semiconductors CWA-PRO-R Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
www.nxp.com/CodeWarrior
CodeWarrior SUITES
ColdFire V1, HC08, RS08, S08**
ColdFire, ColdFire+, DSC, Kinetis, MPC55xx MCUs,
PX, RS08, S08 and S12Z
mobileGT Linux® Tools
IDE
Classic
Eclipse
Classic
CodeWarrior Development Studio for MCUs,
Special Edition (Classic, Windows)
CodeWarrior Development Studio for MCUs, Special Edition (Eclipse, Windows)
X
X CodeWarrior Development Studio for mobileGT
Processors, Linux Application Edition (Classic, Linux
and Windows)
X
X CodeWarrior Development Studio for mobileGT
Processors, Linux Platform Edition (Classic, Linux)
X
X Classic IDE
X
X Unlimited assembler
X
X C compiler and C source-level debugger–
code and data size restricted to:
X
X HC08/RS08/S08: 64 KB
X
X ColdFire V1: 64 KB
X
X Integrated flash programmer
X
X Full-chip simulation (RS08, S08 only)
X
X Device initialization tool
X
X Processor Expert with basic components
(Part numbers: CWX-HXX-SE)
X
X Eclipse IDE 4.2.1 (Juno) and CDT 8.1.1
X
X Unlimited assembler
X
X C source-level debugger/programmer—code and data size restricted to:
X
X S08/RS08: 64 KB
X
X S12Z: 64 KB
X
X ColdFire V1, ColdFire+: 64 KB
X
X ColdFire V2–V4: 128 KB
X
X DSC: 64K
X
X Kinetis® E, L, M Series: 64 KB
X
X Kinetis K Series: 128 KB
X
X PX: 512 KB
X
X Integrated flash programmer
X
X Full-chip simulation for DSC, S08 and RS08 derivatives
X
X On-chip trace/profile support for S08, ColdFire V1 and Kinetis devices
X
X Real-time trace/profile support for ColdFire and Kinetis devices
X
X MQX™ kernel-aware debug for Kinetis devices
X
X Processor Expert Software: RS08; S08; S12Z; ColdFire+; ColdFire V1-V4; DSC;
Kinetis E, L and K series devices (Part Numbers: CWX-MCU-SELH/CWX-MCU-SE)
X
X Processor Expert Component Development Environment to develop
components for internal use
X
X Full-featured, 30-day evaluation copies can be
downloaded or ordered from www.nxp.com
(Evaluation Part Numbers: CWX-MGT-LLAPP-EX/CWX-
MGT-LINWH-EX and CWX-MGT-LLPLT-EX)
CodeWarrior Development Studio for MCUs,
Basic Edition (Classic, Windows)
CodeWarrior Development Studio for MCUs, Basic Edition (Eclipse, Windows)
CodeWarrior Development Studio for mobileGT, Linux
Applications Edition (Classic IDE, Windows and Linux)
X
X Classic IDE
X
X Unlimited assembler
X
X C compiler and C source-level debugger–
code and data size restricted to:
X
X HC08/RS08/S08: 128 KB
X
X ColdFire V1: 128 KB
X
X Integrated flash programmer
X
X Full-chip simulation (RS08, S08 only)
X
X Device initialization tool
X
X Processor Expert with basic components
X
X Eclipse IDE 4.2.1 (Juno) and CDT 8.1.1
X
X Unlimited assembler
X
X C source-level debugger/programmer - code and data size restricted to:
X
X S08/RS08: 128 KB
X
X S12Z: 128 KB
X
X ColdFire V1, ColdFire+: 128 KB
X
X ColdFire V2–V4: 512 KB
X
X DSC: 256K
X
X Kinetis K Series: 512 KB
X
X Kinetis E, L, M Series: 128 KB
X
X MPC55xx MCUs, PX: 1 MB
X
X Integrated flash programmer
X
X Full-chip simulation for S08 and RS08 derivatives
X
X On-chip trace/profile support for S08, ColdFire V1 and Kinetis K devices
X
X Real-time trace/profile support for ColdFire and Kinetis K devices
X
X MQX kernel-aware debug for Kinetis devices
X
X Processor Expert Software: RS08; S08; S12Z; ColdFire+; ColdFire V1-V4; DSC;
Kinetis E, L and K Series
X
X Processor Expert Component Development Environment to develop
components for internal use
X
X Classic IDE
X
X GNU C/C++ compiler
X
X No code size limit
X
X Flash programmer unlimited download size
X
X Debug multiple threads, processes, applications and
shared libraries
CodeWarrior Development Studio for MCUs,
Standard Edition (Classic, Windows)
CodeWarrior Development Studio for MCUs, Standard Edition (Classic, Windows)
CodeWarrior Development Studio for mobileGT, Linux
Applications Edition (Classic IDE, Windows and Linux)
X
X Classic IDE
X
X Unlimited assembler
X
X Unlimited C compiler and debugger
X
X Integrated flash programmer
X
X Full-chip simulation (RS08, S08 only)
X
X Device initialization tool
X
X Processor Expert with basic components
X
X Eclipse IDE 4.2.1 (Juno) and CDT 8.1.1
X
X Unlimited assembler
X
X Unlimited C compiler and C source-level debugger
X
X Integrated flash programmer
X
X Full-chip simulation for S08 and RS08 derivatives
X
X On-chip trace/profile support for S08, V1 ColdFire and Kinetis devices
X
X Real-time trace/profile support for ColdFire and Kinetis devices
X
X MQX kernel-aware debug for Kinetis devices
X
X Processor Expert Software: RS08; S08; S12Z; ColdFire+; ColdFire V1-V4; DSC;
Kinetis E, L and K Series
X
X Processor Expert Component Development Environment to develop
components for internal use.
This product is included in the Basic Suite. See Basic
Suite for product details.
CodeWarrior Development Studio for MCUs,
Professional Edition (Classic, Windows)
CodeWarrior Development Studio for MCUs, Professional Edition (Eclipse,
Windows)
CodeWarrior Development Studio for mobileGT, Linux
Platform Edition (Classic, Linux)
• Classic IDE
• Unlimited assembler
• Unlimited C/C++ compiler and debugger
• Integrated flash programmer
• Full-chip simulation (RS08, S08 only)
• Device initialization tool
• Processor Expert with basic and advanced
components
• Processor Expert Component Wizard
• OSEK kernel awareness
• Profile analysis
• Code Coverage
• PC-lint plug-in
• Eclipse IDE 4.2.1 (Juno) and CDT 8.1.1
• Unlimited assembler
• Unlimited C/C++ compiler and debugger
• Integrated flash programmer
• Full-chip simulation for S08 and RS08 derivatives
• On-chip trace/profile support for S08, ColdFire V1 and Kinetis devices
• Real-time trace/profile support for ColdFire and Kinetis devices
• Processor Expert Software: RS08; S08; S12Z; ColdFire+; ColdFire V1-V4; DSC;
Kinetis E, L and K Series.
• Processor Expert Component Development Environment to develop components
for resale.
• Kernel-aware debug
• OSEK turbo: S08 derivatives
• Linux: ColdFire V2–V4
• MQX: ColdFire V1–V4 ColdFire+, Kinetis
• MQX™ Lite: Kinetis
• AUTOSAR: MPC55xx MCUs
• CodeWarrior IDE
• Unlimited assembler
• Unlimited C/C++ compiler and debugger
• GNU compiler support
• Debug multiple threads, processes, applications and
shared libraries
• Integrated flash programmer
• Profiler
• Code coverage
• PC-lint plug-in
**This product is a 32-bit application. To install and use it on Windows 7 64-bit machines, see AN3936, “Installing CodeWarrior Classic on Windows 7 (64 bit)”
Q1 2014



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com