Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DMTH4014LDVWQ Datasheet(PDF) 2 Page - Diodes Incorporated

Part # DMTH4014LDVWQ
Description  40V 175°C DUAL N-CHANNEL ENHANCEMENT MODE MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMTH4014LDVWQ Datasheet(HTML) 2 Page - Diodes Incorporated

  DMTH4014LDVWQ Datasheet HTML 1Page - Diodes Incorporated DMTH4014LDVWQ Datasheet HTML 2Page - Diodes Incorporated DMTH4014LDVWQ Datasheet HTML 3Page - Diodes Incorporated DMTH4014LDVWQ Datasheet HTML 4Page - Diodes Incorporated DMTH4014LDVWQ Datasheet HTML 5Page - Diodes Incorporated DMTH4014LDVWQ Datasheet HTML 6Page - Diodes Incorporated DMTH4014LDVWQ Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
DMTH4014LDVWQ
Document number: DS42792 Rev. 2 - 2
2 of 7
www.diodes.com
January 2021
© Diodes Incorporated
DMTH4014LDVWQ
Maximum Ratings (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Unit
Drain-Source Voltage
VDSS
40
V
Gate-Source Voltage
VGSS
±20
V
Continuous Drain Current, VGS = 10V (Note 6)
TC = +25°C
ID
27.5
A
TC = +100°C
19.5
Continuous Drain Current, VGS = 10V (Note 6)
Steady
State
TA = +25°C
ID
10.2
A
TA = +100°C
7.2
Pulsed Drain Current (10µs Pulse, Duty Cycle = 1%)
IDM
110
A
Maximum Continuous Body Diode Forward Current (Note 6)
IS
3.7
A
Pulsed Body Diode Forward Current (10µs Pulse, Duty Cycle = 1%)
ISM
110
A
Avalanche Current, L = 0.1mH
IAS
19.8
A
Avalanche Energy, L = 0.1mH
EAS
19.6
mJ
Thermal Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Unit
Total Power Dissipation (Note 5)
TA = +25°C
PD
1.16
W
Thermal Resistance, Junction to Ambient (Note 5)
Steady State
RθJA
129
°C/W
Total Power Dissipation (Note 6)
TA = +25°C
PD
2.6
W
Thermal Resistance, Junction to Ambient (Note 6)
Steady State
RθJA
57.5
°C/W
Thermal Resistance, Junction to Case (Note 6)
RθJC
7.8
°C/W
Operating and Storage Temperature Range
TJ, TSTG
-55 to +175
°C
Electrical Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
OFF CHARACTERISTICS (Note 7)
Drain-Source Breakdown Voltage
BVDSS
40
—
—
V
VGS = 0V, ID = 1mA
Zero Gate Voltage Drain Current
IDSS
—
—
1
µA
VDS = 32V, VGS = 0V
Gate-Source Leakage
IGSS
—
—
±100
nA
VGS = ±20V, VDS = 0V
ON CHARACTERISTICS (Note 7)
Gate Threshold Voltage
VGS(TH)
1
—
3
V
VDS = VGS, ID = 250μA
Static Drain-Source On-Resistance
RDS(ON)
—
12.8
15
m
Ω
VGS = 10V, ID = 20A
—
19.4
25
VGS = 4.5V, ID = 15A
Diode Forward Voltage
VSD
—
1.0
1.2
V
VGS = 0V, IS = 20A
DYNAMIC CHARACTERISTICS (Note 8)
Input Capacitance
Ciss
—
750
—
pF
VDS = 20V, VGS = 0V,
f = 1MHz
Output Capacitance
Coss
—
225
—
pF
Reverse Transfer Capacitance
Crss
—
21
—
pF
Gate Resistance
Rg
—
1.1
—
Ω
VDS = 0V, VGS = 0V, f = 1MHz
Total Gate Charge (VGS = 4.5V)
Qg
—
5.7
—
nC
VDS = 20V, ID = 20A
Total Gate Charge (VGS = 10V)
Qg
—
11.2
—
nC
Gate-Source Charge
Qgs
—
2.0
—
nC
Gate-Drain Charge
Qgd
—
2.2
—
nC
Turn-On Delay Time
tD(ON)
—
3.5
—
ns
VGS = 10V, VDD = 20V,
Rg = 1.6Ω, ID = 20A
Turn-On Rise Time
tR
—
4.6
—
ns
Turn-Off Delay Time
tD(OFF)
—
12.4
—
ns
Turn-Off Fall Time
tF
—
4.9
—
ns
Body Diode Reverse Recovery Time
tRR
—
11.3
—
ns
IF = 15A, di/dt = 400A/µs
Body Diode Reverse Recovery Charge
QRR
—
9.5
—
nC
Notes:
5. Device mounted on FR-4 PCB, with minimum recommended pad layout, single sided.
6. Device mounted on FR-4 substrate PCB, 2oz copper, with thermal bias to bottom layer 1inch square copper plate.
7. Short duration pulse test used to minimize self-heating effect.
8. Guaranteed by design. Not subject to product testing.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com