Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACPDQC3V3AU-HF Datasheet(PDF) 2 Page - Comchip Technology

Part # ACPDQC3V3AU-HF
Description  SMD ESD Protection Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

ACPDQC3V3AU-HF Datasheet(HTML) 2 Page - Comchip Technology

  ACPDQC3V3AU-HF Datasheet HTML 1Page - Comchip Technology ACPDQC3V3AU-HF Datasheet HTML 2Page - Comchip Technology ACPDQC3V3AU-HF Datasheet HTML 3Page - Comchip Technology ACPDQC3V3AU-HF Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Typical Rating and Characteristic Curves (ACPDQC3V3AU-HF)
0
0.2
0.4
0.6
0.8
0
1
2
3 3.3
Reverse Voltage, (V)
Fig.5 - Capacitance Between
Terminals Characteristics
Ta=25°C
f=1MHZ
Mounting on glass epoxy PCBs
0
20
40
60
80
100
120
25
50
75
100
150
0
125
Fig.2 - Power Rating Derating Curve
Time, (µs)
0%
20%
40%
60%
80%
100%
0
5
15
25
30
10
20
120%
Ta=25°C
Peak Value Ipp
Test Waveform
parameters
tf=8µs
td=20µs
e-t
td= t Ipp/2
Fig.1 - 8/20µs Peak Pulse Current
Wave Form Acc. IEC 61000-4-5
Ambient Temperature, ( °C )
Fig.4 - Forward Characteristic
Forward Voltage, ( V )
0.6
1.2
0.8
1.0
0.4
1.4
0
1
10
100
Fig.3 - Clamping Voltage Vs.
Peak Pulse Current
15
3
9
Peak Pulse Current, (A)
4
3
2
1
SMD ESD Protection Diode
1
5
7
11
13
Ta=125°C
Ta=100°C
Ta=75°C
Ta=50°C
Ta=25°C
Comchip Technology CO., LTD.
AQW-G7088
Page 2
REV:A



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com