Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACPDT4-5V0U-HF Datasheet(PDF) 2 Page - Comchip Technology

Part # ACPDT4-5V0U-HF
Description  Low Capacitance ESD Protection Array
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

ACPDT4-5V0U-HF Datasheet(HTML) 2 Page - Comchip Technology

  ACPDT4-5V0U-HF Datasheet HTML 1Page - Comchip Technology ACPDT4-5V0U-HF Datasheet HTML 2Page - Comchip Technology ACPDT4-5V0U-HF Datasheet HTML 3Page - Comchip Technology ACPDT4-5V0U-HF Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Typical Rating and Characteristic Curves (ACPDT4-5V0U-HF)
Comchip Technology CO., LTD.
REV:A
Page 2
V
V
Parameter
Conditions
Symbol
Min
Typ
Max
Unit
Electrical Characteristics (at TA=25°C unless otherwise noted)
IT = 1mA
VBR
VRWM
Reverse stand-off voltage
Reverse breakdown voltage
6
5
V
µA
VRWM = 5V
IPP = 1A, tp = 8/20µs
VC
IR
Reverse leakage current
Clamping voltage
9
0.5
pF
IPP = 25A, tp = 8/20µs
VR = 0V, f = 1MHz (I/O to I/O)
CJ
VC
3
20
VR = 0V, f = 1MHz (I/O to GND)
CJ
Junction capacitance
6
0
40
80
100
120
20
60
0
25
50
75
100
125
150
Fig.3 - Power Derating Curve
Ambient Temperature, Ta (°C)
Fig.2 - ESD Pulse Waveform
According to IEC 61000-4-2
30ns
t
60ns
0
10
90
100
0
10
20
40
5
15
25
30
35
Time, (
µs)
10
100
110
Fig.1 - 8/20µs waveform per
IEC 61000-4-5
Time, (
ns)
tr=0.7~1ns
90
20
30
40
50
60
70
80
T2
T1
T
Front time: T1=1.25xT=8µs
Time to half-value: T2=20µs
Low Capacitance ESD Protection Array
AQW-JP020
9
5
4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com