Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M41T94MH6TR Datasheet(PDF) 27 Page - STMicroelectronics

Part # M41T94MH6TR
Description  512 Bit 64 bit x8 SERIAL RTC SPI SRAM
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M41T94MH6TR Datasheet(HTML) 27 Page - STMicroelectronics

Back Button M41T94MH6TR Datasheet HTML 23Page - STMicroelectronics M41T94MH6TR Datasheet HTML 24Page - STMicroelectronics M41T94MH6TR Datasheet HTML 25Page - STMicroelectronics M41T94MH6TR Datasheet HTML 26Page - STMicroelectronics M41T94MH6TR Datasheet HTML 27Page - STMicroelectronics M41T94MH6TR Datasheet HTML 28Page - STMicroelectronics M41T94MH6TR Datasheet HTML 29Page - STMicroelectronics M41T94MH6TR Datasheet HTML 30Page - STMicroelectronics M41T94MH6TR Datasheet HTML 31Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 27 / 31 page
background image
27/31
M41T94
Figure 22. SH – 4-pin SNAPHAT Housing for 48mAh Battery & Crystal, Package Outline
Note: Drawing is not to scale.
Table 18. SH – 4-pin SNAPHAT Housing for 48mAh Battery & Crystal, Package Mechanical Data
Symbol
millimeters
inches
Typ
Min
Max
Typ
Min
Max
A
–
–
9.78
–
–
0.385
A1
–
6.73
7.24
–
0.265
0.285
A2
–
6.48
6.99
–
0.255
0.275
A3
–
–
0.38
–
–
0.015
B
–
0.46
0.56
–
0.018
0.022
D
–
21.21
21.84
–
0.835
0.8560
E
–
14.22
14.99
–
0.556
0.590
eA
–
15.55
15.95
–
0.612
0.628
eB
–
3.20
3.61
–
0.126
0.142
L
–
2.03
2.29
–
0.080
0.090
SHTK-A
A1
A
D
E
eA
eB
A2
B
L
A3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com