Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IPC0121 Datasheet(PDF) 1 Page - Proto Advantage SMD Adapter

Part # IPC0121
Description  QFN-8 to DIP-8 SMT Adapter (0.5 mm pitch, 1.5 x 1.5 mm body)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTOADVANTAGE [Proto Advantage SMD Adapter]
Direct Link  www.Proto-Advantage.com
Logo PROTOADVANTAGE - Proto Advantage SMD Adapter

IPC0121 Datasheet(HTML) 1 Page - Proto Advantage SMD Adapter

  IPC0121 Datasheet HTML 1Page - Proto Advantage SMD Adapter IPC0121 Datasheet HTML 2Page - Proto Advantage SMD Adapter  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Datasheet revision 1.0
www.Proto-Advantage.com
QFN-8 to DIP-8 SMT Adapter (0.5 mm pitch, 1.5 x 1.5 mm body)
DIMENSIONS
REF.
mm
inches
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
A
0.70
A2
0.60
B
0.575
C
0.30
D
0.20
E
0.50
F
0.600
G
0.100
H
0.025
Top View (SMT Footprint)
(Representative drawing only - not to scale)
1
© 2014 Proto Advantage
B
C
D
E
A
A2
IIIP
P
PC
C
C0
0
01
1
12
2
21
1
1


Similar Part No. - IPC0121

ManufacturerPart #DatasheetDescription
logo
Proto Advantage SMD Ada...
IPC0120 PROTOADVANTAGE-IPC0120 Datasheet
44Kb / 2P
QFN-52 to DIP-56 SMT Adapter (0.5 mm pitch, 8 x 8 mm body)
revision 1.0
IPC0122 PROTOADVANTAGE-IPC0122 Datasheet
44Kb / 2P
QFN-32 to DIP-36 SMT Adapter (0.4 mm pitch, 4.0 x 4.0 mm body)
revision 1.0
IPC0123 PROTOADVANTAGE-IPC0123 Datasheet
44Kb / 2P
DFN-6 to DIP-10 SMT Adapter (0.65 mm pitch, 2.0 x 2.0 mm body, split pad)
revision 1.0
IPC0124 PROTOADVANTAGE-IPC0124 Datasheet
44Kb / 2P
DFN-12 to DIP-16 SMT Adapter (0.45 mm pitch, 3.0 x 3.0 mm body)
revision 1.0
IPC0125 PROTOADVANTAGE-IPC0125 Datasheet
44Kb / 2P
QFN-24 to DIP-28 SMT Adapter (0.5 mm pitch, 4.5 x 3.5 mm body)
revision 1.0
More results

Similar Description - IPC0121

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
LN229RP PANASONIC-LN229RP Datasheet
31Kb / 1P
5.0 mm X 1.5 mm Series
LN229RPH PANASONIC-LN229RPH Datasheet
31Kb / 1P
5.0 mm X 1.5 mm Series
logo
Seoul Semiconductor
HBTGFR421-W SEOUL-HBTGFR421-W Datasheet
1Mb / 14P
1.6*1.5*0.5 mm Untited, Diffused flat mold
logo
ILSI America LLC
IL3X ILSI-IL3X Datasheet
45Kb / 2P
2 Pad Ceramic Package, 1.5 mm x 3.2 mm
logo
Kingbright Corporation
APL3015ZGCK-F01 KINGBRIGHT-APL3015ZGCK-F01 Datasheet
287Kb / 4P
3.0 mm x 1.5 mm SMD Chip LED Lamp
logo
Texas Instruments
TPS62825 TI1-TPS62825 Datasheet
1Mb / 25P
2-, 3-A Step-Down Converter with 1% Output Accuracy in 1.5-mm x 1.5-mm QFN Package
logo
HK TO-GRACE TECHNOLOGY ...
KPL-3015ZGC TO-GRACE-KPL-3015ZGC Datasheet
814Kb / 4P
3.0 mm x 1.5 mm SMD Chip LED Lamp
KPL-3015SECK TO-GRACE-KPL-3015SECK Datasheet
867Kb / 4P
3.0 mm x 1.5 mm SMD Chip LED Lamp
KPL-3015QBC-D TO-GRACE-KPL-3015QBC-D Datasheet
866Kb / 4P
3.0 mm x 1.5 mm SMD Chip LED Lamp
KPL-3015CGCK TO-GRACE-KPL-3015CGCK Datasheet
876Kb / 4P
3.0 mm x 1.5 mm SMD Chip LED Lamp
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com