Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACPDV3V3-HF Datasheet(PDF) 2 Page - Comchip Technology

Part # ACPDV3V3-HF
Description  SMD ESD Protection Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

ACPDV3V3-HF Datasheet(HTML) 2 Page - Comchip Technology

  ACPDV3V3-HF Datasheet HTML 1Page - Comchip Technology ACPDV3V3-HF Datasheet HTML 2Page - Comchip Technology ACPDV3V3-HF Datasheet HTML 3Page - Comchip Technology ACPDV3V3-HF Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Electrical Characteristics (at Ta=25°C unless otherwise noted)
ACPDV5V0-HF
ACPDV8V0-HF
ACPDV12V-HF
ACPDV15V-HF
ACPDV3V3-HF
VRWM
VBR
@1mA
(V)
VC@1A
(V)
IPP (A)
Max
Max.
VC@IPP
8/20µs
Capacitance
@ VR=0V, f=1MHz
(pF)
3.3
5
8
12
15
4
6
8.5
13.3
16.7
7.5
9.8
13.6
17.8
23.5
20
17
15
11
10
0.8
0.8
0.8
0.8
0.8
SMD ESD Protection Diode
Part No.
PPP (W)
Peak pulse
current
Comchip Technology CO., LTD.
REV:A
Page 2
ACPDV24V-HF
24
26.7
38
6
0.8
ACPDV36V-HF
36
36.5
50
2
0.8
AQW-JP026
IR
@VRWM
5
1
1
1
1
1
1
Max
(V)
(µA)
Min
Typ
1.5
1.5
1.5
1.5
1.5
1.5
1.5
Fig.1 - Pulse Waveform
Times, (µs)
0
5
15
25
30
10
20
0
110
20
40
60
100
80
10
30
50
70
90
waveform
parametrs:
tr=8µs
td=20µs
Half value
Typical Rating and Characteristic Curves (ACPDV3V3-HF Thru. ACPDV36V-HF)
Fig.2 - Non-Repetitive Peak Pulse Power
vs. Pulse Time
Pulse Duration, tp (µs)
0.1
1
10
1000
10
100
0.1
0.01
1
Fig.4 - Insertion loss S21
Frequency
1MHz
10MHz
0
1GHz
-42
-36
Fig.3 - Pulse Derating Curve
Ambient Temperature, TA (°C)
25
0
0
175
40
60
80
120
100
50
20
3GHz
-30
-24
-18
-12
-6
75
100
125
150
1: -0.7540 dB
900MHz
2: -1.9718 dB
1.7GHz
3: -2.8512 dB
2.5GHz
4: -4.3316 dB
2.7GHz
1
2
3
4
21
30
15
40
50
66
20
Typ
VC (V)
9.5
12
17
22.5
30
48
63
400
255
315
330
400
300
132
Peak value



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com