Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACPDV5V0A-HF Datasheet(PDF) 5 Page - Comchip Technology

Part # ACPDV5V0A-HF
Description  SMD ESD Protection Diode
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

ACPDV5V0A-HF Datasheet(HTML) 5 Page - Comchip Technology

  ACPDV5V0A-HF Datasheet HTML 1Page - Comchip Technology ACPDV5V0A-HF Datasheet HTML 2Page - Comchip Technology ACPDV5V0A-HF Datasheet HTML 3Page - Comchip Technology ACPDV5V0A-HF Datasheet HTML 4Page - Comchip Technology ACPDV5V0A-HF Datasheet HTML 5Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
SMD ESD Protection Diode
Standard Packaging
Case Type
SOD-323
REEL
(pcs)
Reel Size
(inch)
7
3,000
REEL PACK
Marking Code
XX
xx = Product type marking code
Part Number
Marking Code
ACPDV3V0A-HF
CC
A
C
B
Suggested P.C.B. PAD Layout
SIZE
(inch)
(mm)
SOD-323
A
B
C
2.85
1.60
0.112
0.063
0.85
0.033
ACPDV5V0A-HF
ACPDV8V0A-HF
ACPDV15V0A-HF
ACPDV12V0A-HF
ACPDV18V0A-HF
AC
BC
DC
EC
FC
Comchip Technology CO., LTD.
REV:A
Page 5
AQW-JP021
ACPDV20V0A-HF
ACPDV24V0A-HF
GC
HC
ACPDV36V0A-HF
IC



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com