Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACPDV36V0A-HF Datasheet(PDF) 1 Page - Comchip Technology

Part # ACPDV36V0A-HF
Description  SMD ESD Protection Diode
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

ACPDV36V0A-HF Datasheet(HTML) 1 Page - Comchip Technology

  ACPDV36V0A-HF Datasheet HTML 1Page - Comchip Technology ACPDV36V0A-HF Datasheet HTML 2Page - Comchip Technology ACPDV36V0A-HF Datasheet HTML 3Page - Comchip Technology ACPDV36V0A-HF Datasheet HTML 4Page - Comchip Technology ACPDV36V0A-HF Datasheet HTML 5Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
- Working voltages: 3V~36V.
- Low leakage current.
- Response time is < 1ns.
- Protects one I/O line (bidirectional).
- Low clamping voltage.
- IEC61000-4-2 (ESD) ±30kV (air/contact).
- IEC61000-4-4 (EFT) 40A (5/50ns).
Peak pulse current (8/20µs)
Operating junction temperature range
Storage temperature range
Lead soldering temperature
ESD per IEC 61000-4-2 (air)
ESD per IEC 61000-4-2 (contact)
ESD
IPP
TJ
TSTG
TL
260
±30
See next table
-55 to +150
-55 to +150
°C
°C
°C
A
kV
Maximum Rating (at Ta=25°C unless otherwise noted)
Dimensions in inches and (millimeter)
SOD-323
0.071(1.80)
0.063(1.60)
0.010(0.25)
0.014(0.35)
0.106(2.70)
0.098(2.50)
0.055(1.40)
0.047(1.20)
0.035(0.90)
0.000(0.00)
0.004(0.10)
0.006(0.15)
0.003(0.08)
0.010(0.25)
0.016(0.40)
0.031(0.80)
SMD ESD Protection Diode
Features
RoHS Device
- High temperature soldering guaranteed:
260°C/10s.
- Flammability rating: UL 94V-0.
- Case: SOD-323 package.
Mechanical data
Halogen Free
ACPDV3V0A-HF Thru. ACPDV36V0A-HF
1
2
Circuit diagram
Comchip Technology CO., LTD.
Parameter
Unit
Value
Symbol
Peak pulse power (8/20µs)
PPP
See next table
W
REV:A
Page 1
AQW-JP021
- AEC-Q101 Qualified.


Similar Part No. - ACPDV36V0A-HF

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
ACPDV36V-HF COMCHIP-ACPDV36V-HF Datasheet
527Kb / 4P
SMD ESD Protection Diode
REV:A
More results

Similar Description - ACPDV36V0A-HF

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CPDERT5V0U-HF COMCHIP-CPDERT5V0U-HF Datasheet
97Kb / 4P
SMD ESD Protection Diode
CPDF24V0U-HF COMCHIP-CPDF24V0U-HF Datasheet
98Kb / 4P
SMD ESD Protection Diode
CPDFR COMCHIP-CPDFR Datasheet
92Kb / 4P
SMD ESD Protection Diode
CPDT-5V0U-HF COMCHIP-CPDT-5V0U-HF Datasheet
97Kb / 4P
SMD ESD Protection Diode
CPDTR035V0U-HF COMCHIP-CPDTR035V0U-HF Datasheet
97Kb / 4P
SMD ESD Protection Diode
CPDTR055V0C-HF COMCHIP-CPDTR055V0C-HF Datasheet
98Kb / 4P
SMD ESD Protection Diode
CPDV5-5V0U COMCHIP-CPDV5-5V0U_12 Datasheet
96Kb / 4P
SMD ESD Protection Diode
CPDQT3V3U-HF COMCHIP-CPDQT3V3U-HF Datasheet
559Kb / 3P
SMD ESD Protection Diode
CPDUR5V0C-HF COMCHIP-CPDUR5V0C-HF Datasheet
238Kb / 4P
SMD ESD Protection Diode
CPDVR083V3U COMCHIP-CPDVR083V3U Datasheet
109Kb / 5P
SMD ESD Protection Diode
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com