Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASS14HS-HF Datasheet(PDF) 3 Page - Comchip Technology

Part # ASS14HS-HF
Description  SMD Schottky Barrier Rectifiers
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

ASS14HS-HF Datasheet(HTML) 3 Page - Comchip Technology

  ASS14HS-HF Datasheet HTML 1Page - Comchip Technology ASS14HS-HF Datasheet HTML 2Page - Comchip Technology ASS14HS-HF Datasheet HTML 3Page - Comchip Technology ASS14HS-HF Datasheet HTML 4Page - Comchip Technology ASS14HS-HF Datasheet HTML 5Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
SMD Schottky Barrier Rectifiers
Typical Rating and Characteristics Curves (ASS14HS-HF)
Comchip Technology CO., LTD.
Page 3
REV:A
AQW-JB052
Fig.5 - Forward Current Derating Curve
Lead Temperature, (°C)
0
1.2
0.4
1.0
100
125
150
0
50
75
0.2
0.6
0.8
25
Mounted on P.C.B with 6mm x 6mm
copper pad areas



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com