Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASS16HS-HF Datasheet(PDF) 2 Page - Comchip Technology

Part # ASS16HS-HF
Description  SMD Schottky Barrier Rectifiers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

ASS16HS-HF Datasheet(HTML) 2 Page - Comchip Technology

  ASS16HS-HF Datasheet HTML 1Page - Comchip Technology ASS16HS-HF Datasheet HTML 2Page - Comchip Technology ASS16HS-HF Datasheet HTML 3Page - Comchip Technology ASS16HS-HF Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SMD Schottky Barrier Rectifiers
Typical Rating and Characteristics Curves (ASS16HS-HF)
Comchip Technology CO., LTD.
Page 2
REV:A
Electrical Characteristics (at TA=25°C, unless otherwise noted)
Unit
Conditions
Parameter
Max.
Symbol
Min.
Typ.
IR
Reverse current
mA
μA
50
10
VF
0.7
0.55
V
V
Instantaneous forward voltage
45
Typical junction capacitance
CJ
VR = 4V, f = 1MHz
pF
0.6
Rated VR
IF = 1A
TJ =25°C
TJ =125°C
TJ =25°C
TJ =125°C
VF
IR
AQW-JB053
Fig.3 - Typical Forward Characteristics
0
0.2
0.4
0.6
0.8
1.2
0.1
1
10
Instantaneous Forward Voltage, (V)
Fig.4 - Typical Reverse Leakage Characteristics
30
40
70
Instantaneous Reverse Voltage, (V)
0
10
10
20
1
0.1
50
60
0.01
1.0
TJ = -40°C
TJ =25°C
TJ =85°C
TJ =125°C
TJ =150°C
100
1000
10000
TJ =25°C
TJ =85°C
TJ =125°C
TJ =150°C
Fig.1 - Forward Current Derating Curve
Lead Temperature, (°C)
Fig.2 - Maximum Non-Repetitive Peak
Forward Surge Current
1
10
100
0
10
20
40
Number of Cycles at 60Hz
30
0
1.5
0.5
1.0
100
125
150
25
50
75



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com