Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD438B/C2 Datasheet(PDF) 1 Page - Everlight Electronics Co., Ltd

Part # PD438B/C2
Description  4.8mm Semi-Lens Silicon PIN Photodiode
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

PD438B/C2 Datasheet(HTML) 1 Page - Everlight Electronics Co., Ltd

  PD438B/C2 Datasheet HTML 1Page - Everlight Electronics Co., Ltd PD438B/C2 Datasheet HTML 2Page - Everlight Electronics Co., Ltd PD438B/C2 Datasheet HTML 3Page - Everlight Electronics Co., Ltd PD438B/C2 Datasheet HTML 4Page - Everlight Electronics Co., Ltd PD438B/C2 Datasheet HTML 5Page - Everlight Electronics Co., Ltd PD438B/C2 Datasheet HTML 6Page - Everlight Electronics Co., Ltd PD438B/C2 Datasheet HTML 7Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Everlight Electronics Co., Ltd.
http:\\www.everlight.com
Rev 3
Page: 1 of 7
Device No:DPD-043-004
Prepared date:07-20-2005
Prepared by:Jaine Tsai
Technical Data Sheet
4.8mm Semi-Lens Silicon PIN Photodiode
PD438B/C2
Features
․Fast response times
․High photo sensitivity
․Small junction capacitance
․Pb free
․The product itself will remain within RoHS compliant version.
Descriptions
PD438B/C2 is a high speed and sensitive PIN photodiode in a cylindrical side
view plastic package. The epoxy package itself is an IR filter , spectrally
matched to IR emitter.
Applications
․High speed photo detector
․Camera
․Optoelectronic switch
․VCRs , Video camera
Device Selection Guide
Chip
LED Part No.
Material
Lens Color
PD
Silicon
Black


Similar Part No. - PD438B/C2

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
PD438B/C1 EVERLIGHT-PD438B/C1 Datasheet
125Kb / 7P
4.8mm Semi-Lens Silicon PIN Photodiode
07-20-2005
More results

Similar Description - PD438B/C2

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
PD438C-S46 EVERLIGHT-PD438C-S46 Datasheet
121Kb / 7P
4.8mm Semi-Lens Silicon PIN Photodiode
07-20-2005
PD438C EVERLIGHT-PD438C Datasheet
120Kb / 7P
4.8mm Semi-Lens Silicon PIN Photodiode
07-20-2005
PD438B-S46 EVERLIGHT-PD438B-S46 Datasheet
121Kb / 7P
4.8mm Semi-Lens Silicon PIN Photodiode
07-20-2005
PD438B-L1 EVERLIGHT-PD438B-L1_05 Datasheet
126Kb / 7P
4.8mm Semi-Lens Silicon PIN Photodiode
07-20-2005
PD438B-C1 EVERLIGHT-PD438B-C1 Datasheet
125Kb / 7P
4.8mm Semi-Lens Silicon PIN Photodiode
07-20-2005
PD438B EVERLIGHT-PD438B Datasheet
125Kb / 7P
4.8mm Semi-Lens Silicon PIN Photodiode
07-20-2005
EAPDLP04SCAA1 EVERLIGHT-EAPDLP04SCAA1 Datasheet
359Kb / 8P
4.8mm Semi-Lens Silicon PIN Photodiode
EAPDLP04SCAA3 EVERLIGHT-EAPDLP04SCAA3 Datasheet
302Kb / 8P
4.8mm Semi-Lens Silicon PIN Photodiode
EAPDLP04SCAA5 EVERLIGHT-EAPDLP04SCAA5 Datasheet
390Kb / 9P
4.8mm Semi-Lens Silicon PIN Photodiode
EAPDLP04SCAA4 EVERLIGHT-EAPDLP04SCAA4 Datasheet
349Kb / 8P
4.8mm Semi-Lens Silicon PIN Photodiode
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com