Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS3543 Datasheet(PDF) 1 Page - ams AG

Part # AS3543
Description  High End Stereo Audio Codec with System PMU
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3543 Datasheet(HTML) 1 Page - ams AG

  AS3543 Datasheet HTML 1Page - ams AG AS3543 Datasheet HTML 2Page - ams AG AS3543 Datasheet HTML 3Page - ams AG AS3543 Datasheet HTML 4Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
AS3543
High End Stereo Audio Codec with System PMU
www.austriamicrosystems.com
Revision 0.12
1 - 4
Prel iminary Product Brief
General Description
The AS3543 is an ultra low power stereo audio codec
and is designed for Portable Digital Audio Applications.
It allows high-end quality playback with up to 100dBA
SNR and recording in FM quality. With one microphone
(including pre-amplifier and supply for an electret micro-
phone) and two line inputs, it allows connecting a variety
of audio inputs. The different audio signals can be mixed
via a 6-channel mixer and fed to either a headphone out-
put for 16 /32 headsets or a line output. Both outputs
have a ground noise cancellation to use it e.g. in car
docking stations. The audio outputs have also an auto
fading implemented which performs the fade-in, fade-
out as well as the transition between specific volume
levels automatically with an selectable timing.
Further the device offers advanced power management
functions. All necessary ICs and peripherals in a Digital
Audio Player are supplied by the AS3543. It features 2
DCDC converters for core and memory/periphery supply
as well as 4 LDOs. Both DCDC converter feature DVM
(dynamic voltage management) with an selectable tim-
ing for the voltage stepping. The different regulated sup-
ply voltages are programmable via the serial control
interface.
The step-up converter for the backlight can operate up
to 25V (with an external transistor even higher) in volt-
age and current control mode. An internal voltage pro-
tection is limiting the output voltage in the case of
external component failures. 2 high voltage current sinks
can be used to operate two , if needed also unbalanced,
LED strings. An automatic dimming function allows a
logarithmic on/off of the backlight with selectable timing.
AS3543 also contains a Li-Ion battery charger with con-
stant current, constant voltage and trickle charging. The
maximum charging current is 460mA. An integrated bat-
tery switch is separating the battery during charging or
whenever an external power supply is present. With this
switch it is also possible to operate with no or deeply dis-
charged batteries.
The AS3543 has an on-chip, phase locked loop (PLL)
which generates the needed internal CODEC master
clock. I2S Frame and shift-clock have to be applied from
the processor for playback and recording.
Further the AS3543 has an independent 32kHz real time
clock (RTC) on chip which allows a complete power
down of the system CPU while only consuming less than
1µA. An internal switch automatically switches between
the RTC backup-battery and main battery supply.
The single supply voltage may vary from 2.7V (2.4V) to
5.5V.
Key Features
Audio
Audio power consumption:
- 5mW: 96dB DAC to Headphone @ 1.8V, 32Ω
- 7mW: 100dB DAC to Headphone @ 2.9V, 32Ω
Sigma Delta Converters
DAC
- 98dB SNR ('A' weighted) @ 1.8V
- 102dB SNR ('A' weighted) @ 2.9V
ADC
- 83dB SNR ('A' weighted) @ 1.8V
Sampling Frequency
- DAC: 8-48kHz
- ADC: 8-24kHz
High Efficiency Headphone Amplifier
volume control via serial interface
32 steps @1.5dB and MUTE
2x12mW @16 driver capability@ 1.8V supply
THD -74dB @16Ω; 1.8V
2x40mW @16 driver capability@ 2.9V supply
THD -77dB @16Ω; 2.9V
headphone and over-current detection
phantom ground eliminates large capacitors
ground noise cancellation
Line Output
volume control via serial interface
32 steps @1.5dB and MUTE
0.6Vp @10kΩ
ground noise cancellation


Similar Part No. - AS3543

ManufacturerPart #DatasheetDescription
logo
ams AG
AS3543 AMSCO-AS3543 Datasheet
5Mb / 92P
High End Stereo Audio Codec wi th System PMU
AS3543-ECTP AMSCO-AS3543-ECTP Datasheet
5Mb / 92P
High End Stereo Audio Codec wi th System PMU
AS3543 AMSCO-AS3543_11 Datasheet
5Mb / 92P
High End Stereo Audio Codec wi th System PMU
More results

Similar Description - AS3543

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV320AIC27 TI-TLV320AIC27 Datasheet
684Kb / 52P
STEREO AUDIO CODEC
logo
Rohm
BU7807-00KV ROHM-BU7807-00KV Datasheet
302Kb / 5P
Stereo audio interface with CODEC
logo
ams AG
AS3517 AMSCO-AS3517 Datasheet
227Kb / 3P
Stereo Audio Codec with advanced System Power Management
AS3514 AMSCO-AS3514 Datasheet
65Kb / 3P
Stereo Audio Codec with System Power Management
AS3515 AMSCO-AS3515 Datasheet
164Kb / 3P
Stereo Audio Codec with System Power Management
AS3518 AMSCO-AS3518 Datasheet
417Kb / 3P
Stereo Audio Codec with enhanced System Power Management
AS3515 AMSCO-AS3515_08 Datasheet
3Mb / 67P
Stereo Audio Codec with System Power Management
AS3517 AMSCO-AS3517_08 Datasheet
4Mb / 94P
Stereo Audio Codec with enhanced System Power Management
AS3543 AMSCO-AS3543_11 Datasheet
5Mb / 92P
High End Stereo Audio Codec wi th System PMU
logo
Texas Instruments
TLV320AIC27 TI1-TLV320AIC27_05 Datasheet
738Kb / 10P
STEREO AUDIO CODEC
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com