Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2903H Datasheet(PDF) 4 Page - STMicroelectronics

Part # LM2903H
Description  Low power dual voltage comparators
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LM2903H Datasheet(HTML) 4 Page - STMicroelectronics

  LM2903H Datasheet HTML 1Page - STMicroelectronics LM2903H Datasheet HTML 2Page - STMicroelectronics LM2903H Datasheet HTML 3Page - STMicroelectronics LM2903H Datasheet HTML 4Page - STMicroelectronics LM2903H Datasheet HTML 5Page - STMicroelectronics LM2903H Datasheet HTML 6Page - STMicroelectronics LM2903H Datasheet HTML 7Page - STMicroelectronics LM2903H Datasheet HTML 8Page - STMicroelectronics LM2903H Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Electrical characteristics
LM2903H
4/9
3
Electrical characteristics
Table 3.
VCC
+ = 5V, V
CC
- = GND, T
amb = 25°C (unless otherwise specified)
Symbol
Parameter
Min.
Typ.
Max.
Unit
Vio
Input offset voltage (1)
Tmin ≤ Tamb ≤ Tmax
17
15
mV
Iio
Input offset current
Tmin ≤ Tamb ≤ Tmax
550
150
nA
Iib
Input bias current (2)
Tmin ≤ Tamb ≤ Tmax
25
250
400
nA
AVD
Large signal voltage gain (VCC
+ = 15V,R
L=15kΩ, Vo=1 to 11V)
25
200
V/mV
ICC
Supply current (all comparators)
VCC
+= 5V, no load
VCC
+ = 30V, no load
0.4
1
1
2.5
mA
Vid
Differential input voltage (3)
VCC
+
V
VOL
Low level output voltage (Vid = -1V, Isink = 4mA)
Tmin ≤ Tamb ≤ Tmax
250
400
800
mV
IOH
High level output current (VCC
+ =V
o =30V, Vid = 1V)
Tmin ≤ Tamb ≤ Tmax
0.1
1
nA
µA
Isink
Output sink current (Vid = -1V,Vo = 1.5V)
Tmin ≤ Tamb ≤ Tmax
6
2
16
mA
tre
Small signal response time (4) (RL = 5.1kΩ to VCC
+)1.3
µs
trel
Large signal response time (5)
TTL input (Vref = +1.4 V, RL=5.1kΩ to VCC
+)
Output signal at 50% of final value
Output signal at 95% of final value
500
1
ns
µs
1.
At output switch point, VO ≈ 1.4 V, RS = 0 Ω with VCC
+ from 5 V to 30 V, and over the full input common-mode range (0 V
to VCC
+ –1.5 V).
2.
The direction of the input current is out of the IC due to the PNP input stage. This current is essentially constant,
independent of the state of the output, so there is no load charge on the reference of input lines.
3.
Positive excursions of input voltage may exceed the power supply level. As long as the other voltage remains within the
common-mode range, the comparator will provide a proper output state.
The low input voltage state must not be less than –0.3 V (or 0.3 V below the negative power supply, if used)
4.
The response time specified is for a 100 mV input step with 5 mV overdrive.
5.
Maximum values are guaranteed by design and evaluation.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com