Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2CSS200911R0008 Datasheet(PDF) 2 Page - ABB

Part # 2CSS200911R0008
Description  F204 B-40/0.3 Residual Current Circuit Breaker 4P B type 300 mA
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB

2CSS200911R0008 Datasheet(HTML) 2 Page - ABB

  2CSS200911R0008 Datasheet HTML 1Page - ABB 2CSS200911R0008 Datasheet HTML 2Page - ABB 2CSS200911R0008 Datasheet HTML 3Page - ABB 2CSS200911R0008 Datasheet HTML 4Page - ABB  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Technical
IEC/EN 61008
Standards
B type
Type of Residual Current
230/400 V
Rated Voltage (Ur)
230 / 400 V AC
Rated Operational Voltage
440 V
Rated Insulation Voltage
(Ui)
170-253 V AC
Test Voltage (Ut)
4 kV
Rated Impulse Withstand
Voltage (Uimp)
2500 V
Dielectric Test Voltage
AC
Input Voltage Type
40 A
Rated Current (In)
300 mA
Rated Residual Current
1 kA
Rated Residual Breaking
Capacity (IΔm)
10 kA
Rated Conditional Short-
Circuit Current (Inc)
I (max, 8 / 20 µs) 3000 A
Impulse Current
3 kA
Maximum Surge Current
50 … 60 Hz
Rated Frequency (f)
6.95 W
Power Loss
10000 cycle
Electrical Endurance
20000 cycle
Mechanical Endurance
4
Number of Poles
4
Number of Modular
Spacings per DIN Rail
Instantaneous (APR High Immunity)
Operating Characteristic
III
Overvoltage Category
Right
Position of Neutral
Terminals
2.8 N·m
Tightening Torque
10 ms
Delay Time (
τ)
Auxiliary contact, Signal contact/auxiliary contact, Shunt trip, Undervoltage
release, Overvoltage release, Motor operating device, Auto reclosing unit
Accessory Type
DIN-Rail
Mounting Type
Failsafe Bi-directional Cylinder-lift Terminal
Screw Terminal Type
None
Options Provided
Any
Mounting Position
Yes
Accessories Available
0
Number of Batteries
25 mm²
Cable Size
Busbar 10 mm²
Flexible 1 ... 25 mm²
Stranded 1 ... 25 mm²
Connecting Capacity
1 - Solid-Core 1 ... 25 mm²
Rated Cross-Section
12 mm
Wire Stripping Length
Screw Terminals
Terminal Type
Environmental
Operation -25 ... +70 °C
Ambient Air Temperature
Housing IPX4
Degree of Protection
2
F204 B-40/0.3
© 2023 ABB. All rights reserved.
Subject to change without notice
2023/08/08



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com