Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2CSM228555R0812 Datasheet(PDF) 2 Page - ABB

Part # 2CSM228555R0812
Description  TS10/12-24 C Safety isolating transformer
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB

2CSM228555R0812 Datasheet(HTML) 2 Page - ABB

  2CSM228555R0812 Datasheet HTML 1Page - ABB 2CSM228555R0812 Datasheet HTML 2Page - ABB  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Product Net Depth / Length:
0.065 m
Product Net Weight:
0.350 kg
Minimum Order Quantity:
1 piece
Package Level 1 Units:
box 1 piece
Package Level 1 Gross Weight:
0.350 kg
Customs Tariff Number:
85043121
E-Number (Finland):
8409003
Country of Origin:
Italy (IT)
Certification Agency:
IMQ
Declaration of Conformity - CE:
9AKK106713A5646
EAC Certificate:
9AKK107992A6755
IMQ Certificate:
9AKK107992A6754
Data Sheet, Technical Information:
9AKK107991A8329
Instructions and Manuals:
No document needed
ETIM 8:
EC001547 - Bell transformer
ETIM 9:
EC001547 - Bell transformer
WEEE Category:
5. Small Equipment (No External Dimension More Than 50 cm)
WEEE B2C / B2B:
Business To Consumer
CN8:
85043121
eClass:
V11.0 : 27031190
Object Classification Code:
T
Ordering
Certificates and Declarations
Popular Downloads
Classifications



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com