Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS16/24 Datasheet(PDF) 4 Page - ABB

Part # TS16/24
Description  TS16/24 Non-inherently short-circuit proof bell transformer
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB

TS16/24 Datasheet(HTML) 4 Page - ABB

  TS16/24 Datasheet HTML 1Page - ABB TS16/24 Datasheet HTML 2Page - ABB TS16/24 Datasheet HTML 3Page - ABB TS16/24 Datasheet HTML 4Page - ABB TS16/24 Datasheet HTML 5Page - ABB  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
11/29/2019
ABB TS16/24
https://new.abb.com/products/2CSM228615R0812?printPreview
4/5
Output Current Maximum
(I ):
0,66 A
Power Loss:
Maximum 4 W
Power Supply:
16 V·A
Primary Voltage:
230 V
Product Main Type:
TS
Product Name:
Non-inherently short-circuit proof bell transformer
RoHS Date:
25/06/2009 0.00.00
Secondary Voltage:
24 V AC
Data Sheet, Technical
Information:
2CSC000001D0202
Declaration of Conformity -
CE:
2CSC446002D2702
Instructions and Manuals: on the product body
RoHS Information:
2CSC446004K0201
ETIM 4:
EC001547 - Bell transformer
ETIM 5:
EC001547 - Bell transformer
ETIM 6:
EC001547 - Bell transformer
ETIM 7:
EC001547 - Bell transformer
Object Classification Code: T
WEEE Category:
5. Small Equipment (No External Dimension More Than 50 cm)
Certificates and Declarations (Document Number)
Classifications
out



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com