Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M48Z129V Datasheet(PDF) 7 Page - STMicroelectronics

Part # M48Z129V
Description  3.3V/5V 1 Mbit 128Kb x8 ZEROPOWER SRAM
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M48Z129V Datasheet(HTML) 7 Page - STMicroelectronics

Back Button M48Z129V Datasheet HTML 3Page - STMicroelectronics M48Z129V Datasheet HTML 4Page - STMicroelectronics M48Z129V Datasheet HTML 5Page - STMicroelectronics M48Z129V Datasheet HTML 6Page - STMicroelectronics M48Z129V Datasheet HTML 7Page - STMicroelectronics M48Z129V Datasheet HTML 8Page - STMicroelectronics M48Z129V Datasheet HTML 9Page - STMicroelectronics M48Z129V Datasheet HTML 10Page - STMicroelectronics M48Z129V Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
7/13
M48Z129Y, M48Z129V
Table 9. Read Mode AC Characteristics
(TA = 0 to 70 °C; VCC = 4.5V to 5.5V or 3.0V to 3.6V)
Note: 1. CL = 100pF or 50pF (see Figure 4).
2. CL = 5pF (see Figure 4).
Symbol
Parameter
M48Z129Y
M48Z129V
Unit
-70
-85
Min
Max
Min
Max
tAVAV
Read Cycle Time
70
85
ns
tAVQV
(1)
Address Valid to Output Valid
70
85
ns
tELQV
(1)
Chip Enable Low to Output Valid
70
85
ns
tGLQV
(1)
Output Enable Low to Output Valid
35
45
ns
tELQX
(2)
Chip Enable Low to Output Transition
5
5
ns
tGLQX
(2)
Output Enable Low to Output Transition
3
5
ns
tEHQZ
(2)
Chip Enable High to Output Hi-Z
30
40
ns
tGHQZ
(2)
Output Enable High to Output Hi-Z
20
25
ns
tAXQX
(1)
Address Transition to Output Transition
5
5
ns
Figure 5. Power Down/Up Mode AC Waveforms
AI03610
VCC
E
OUTPUTS
DON'T CARE
HIGH-Z
tF
tFB
tR
tRB
VALID
VALID
RECOGNIZED
RECOGNIZED
VPFD (max)
VPFD (min)
VSO
tREC
RST
(PER CONTROL INPUT)
(PER CONTROL INPUT)
tWPT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com