Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M48Z2M1 Datasheet(PDF) 3 Page - STMicroelectronics

Part # M48Z2M1
Description  16 Mb 2Mb x 8 ZEROPOWER SRAM
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M48Z2M1 Datasheet(HTML) 3 Page - STMicroelectronics

  M48Z2M1 Datasheet HTML 1Page - STMicroelectronics M48Z2M1 Datasheet HTML 2Page - STMicroelectronics M48Z2M1 Datasheet HTML 3Page - STMicroelectronics M48Z2M1 Datasheet HTML 4Page - STMicroelectronics M48Z2M1 Datasheet HTML 5Page - STMicroelectronics M48Z2M1 Datasheet HTML 6Page - STMicroelectronics M48Z2M1 Datasheet HTML 7Page - STMicroelectronics M48Z2M1 Datasheet HTML 8Page - STMicroelectronics M48Z2M1 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
able after the later of Chip Enable Access time
(tELQV) or Output Enable Access Time (tGLQV). The
state of the eight three-state Data I/O signals is
controlled by E and G. If the outputs are activated
before tAVQV, the data lines will be driven to an
indeterminate state until tAVQV. If the Address In-
puts are changed while E and G remain low, output
data will remain valid for Output Data Hold time
(tAXQX) but will go indeterminate until the next Ad-
dress Access.
WRITE MODE
The M48Z2M1/2M1Y is in the Write Mode when-
ever W and E are active. The start of a write is
referenced from the latter occurring falling edge of
W or E. A write is terminated by the earlier rising
edge of W or E.
The addresses must be held valid throughout the
cycle. E or W must return high for minimum of tEHAX
from E or tWHAX from W prior to the initiation of
another read or write cycle. Data-in must be valid
tDVEH or tDVWH prior to the end of write and remain
valid for tEHDX or tWHDX afterward. G should be kept
high during write cycles to avoid bus contention;
although, if the output bus has been activated by a
low on E and G, a low on W will disable the outputs
tWLQZ after W falls.
AI01030
5V
OUT
CL = 100pF or 5pF
CL includes JIG capacitance
1.9k
DEVICE
UNDER
TEST
1k
Figure 4. AC Testing Load Circuit
Input Rise and Fall Times
≤ 5ns
Input Pulse Voltages
0 to 3V
Input and Output Timing Ref. Voltages
1.5V
Note that Output Hi-Z is defined as the point where data is no
longer driven.
Table 4. AC Measurement Conditions
AI02050
INTERNAL
BATTERIES
E
VCC
VSS
VOLTAGE SENSE
AND
SWITCHING
CIRCUITRY
2048K x 8
SRAM ARRAY
A0-A20
DQ0-DQ7
W
G
POWER
E
Figure 3. Block Diagram
3/12
M48Z2M1, M48Z2M1Y



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com