Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CDBHA10100L-HF Datasheet(PDF) 2 Page - Comchip Technology

Part # CDBHA10100L-HF
Description  SMD Schottky Barrier Rectifiers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CDBHA10100L-HF Datasheet(HTML) 2 Page - Comchip Technology

  CDBHA10100L-HF Datasheet HTML 1Page - Comchip Technology CDBHA10100L-HF Datasheet HTML 2Page - Comchip Technology CDBHA10100L-HF Datasheet HTML 3Page - Comchip Technology CDBHA10100L-HF Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SMD Schottky Barrier Rectifiers
Typical Rating and Characteristics Curves (CDBHA10100L-HF)
Comchip Technology CO., LTD.
Page 2
REV:A
Instantaneous Forward Voltage, (V)
0.1
500
0.1
1
10
Fig.3 - Typical Instantaneous Forward
Characteristics
0.3
0.5
0.7
0.9
100
TJ=25°C
Percent of Rated Peak Reverse Voltage, (%)
100
80
60
10
100
40
90
70
50
30
20
Fig.4 - Typical Reverse Leakage
Characteristics
0.1
10
1
0.01
Number of Cycles at 60Hz
1
0
210
0
12
8
100
0
100
4
20
40
80
160
120
Fig.1 - Forward Current Derating Curve
Mount Temperature, (°C)
10
10
6
2
90
30
180
120
60
140
150
60
Fig.2 - Maximum Non-Repetitive Peak
Forward Surge Current
0.001
TJ=25°C
TJ=100°C
TJ=125°C
TJ=150°C
QW-JB134



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com