Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CMS03P06TL-HF Datasheet(PDF) 4 Page - Comchip Technology

Part # CMS03P06TL-HF
Description  MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CMS03P06TL-HF Datasheet(HTML) 4 Page - Comchip Technology

  CMS03P06TL-HF Datasheet HTML 1Page - Comchip Technology CMS03P06TL-HF Datasheet HTML 2Page - Comchip Technology CMS03P06TL-HF Datasheet HTML 3Page - Comchip Technology CMS03P06TL-HF Datasheet HTML 4Page - Comchip Technology CMS03P06TL-HF Datasheet HTML 5Page - Comchip Technology CMS03P06TL-HF Datasheet HTML 6Page - Comchip Technology CMS03P06TL-HF Datasheet HTML 7Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
MOSFET
Fig.8 - Threshold Voltage vs
Junction Temperature
Junction Temperature, TJ (°C)
Fig.10 - Gate Charge Characteristics
Total Gate Charge, Qg (nC)
Fig.12 - Maximum Drain Current vs
Junction Temperature
Fig.7 - Capacitance vs Drain-to-Source
Voltage
Drain-Source Voltage, -VDS (V)
Fig.9 - Forward Transfer Admittance
vs Drain Current
Drain Current, -ID (A)
Drain-Source Voltage, -VDS (V)
1
10
175
75
-75
0
0.4
0.6
1.0
0
4
10
175
25
0
-50
1.4
0.01
10
0.1
8
Fig.11 - Maximum Safe Operating Area
1.2
0
40
100
10
Comchip Technology CO., LTD.
Page 4
-25
25 50
100 125 150
0.001
0.01
0.1
100
1
0
2
6
0.01
1
10
100
0.1
Junction Temperature, TJ (°C)
75
50
125
100
150
1000
0.8
ID= -1mA
ID= -250µA
VDS= -30V
ID= -3A
VGS= -10V, RθJA=137°C/W
REV:A
20
60
50
1
0.01
0.1
1
3
4
2
QW-JTR232
Typical Rating and Characteristic Curves (CMS03P06TL-HF)
10
100
100
2
4
8
12
6
10
30
10
Crss
Coss
Ciss
VDS= -10V
TA=25°C
Pulsed
VDS= -15V
VDS= -10V
TA=25°C, TJ=150°C
VGS= -10V, RθJA=137°C/W
single pulse
100µs
1ms
10ms
100ms
10s
1s
DC
RDS(ON) Limited



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com