Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LB3218T331M Datasheet(PDF) 2 Page - Taiyo Yuden (U.S.A.), Inc

Part # LB3218T331M
Description  Wire-wound Ferrite Inductors LSQB/LSQC/LSQE series for General Electronic Equipment
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAIYO-YUDEN [Taiyo Yuden (U.S.A.), Inc]
Direct Link  http://www.t-yuden.com/
Logo TAIYO-YUDEN - Taiyo Yuden (U.S.A.), Inc

LB3218T331M Datasheet(HTML) 2 Page - Taiyo Yuden (U.S.A.), Inc

  LB3218T331M Datasheet HTML 1Page - Taiyo Yuden (U.S.A.), Inc LB3218T331M Datasheet HTML 2Page - Taiyo Yuden (U.S.A.), Inc LB3218T331M Datasheet HTML 3Page - Taiyo Yuden (U.S.A.), Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Halogen free / RoHS compliant
Wire Wound Inductor
-Electrical Characteristics Data-
Dimension
Length :
3.2 + / - 0.2
( 0.126 + / - 0.008 )
Width :
1.8 + / - 0.2
( 0.071 + / - 0.008 )
Height :
1.8 + / - 0.2
( 0.071 + / - 0.008 )
Inductance :
330
uH ( test freq at 0.796MHz )
DC Resistance :
7.0
/
9.1
ohm ( typ / max )
Rated Current :
65
mA
Rated current typical : 10% reduction from initial L value.
and Temperature will rise by 20 deg C
unit : mm
unit : inch
0
100
200
300
400
500
0
40
80
120
160
200
DC Bias [mA]
DC Bias vs Inductance
10
100
1000
10000
0.1
1
10
100
Frequency [MHz]
Frequency vs Inductance
0
10
20
30
40
50
60
0
60
120
180
240
300
DC Bias [mA]
DC Bias vs Temperature
The data is reference only. Electrical characteristics vary depending on environment or measurement condition.
TAIYO YUDEN reserves the right to make change to the data at any time without notice.
Before making final selection, please check product specification.
LSQBA321818T331M
2021/8/3



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com