Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M48Z30Y Datasheet(PDF) 8 Page - STMicroelectronics

Part # M48Z30Y
Description  CMOS 32K x 8 ZEROPOWER SRAM
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M48Z30Y Datasheet(HTML) 8 Page - STMicroelectronics

Back Button M48Z30Y Datasheet HTML 4Page - STMicroelectronics M48Z30Y Datasheet HTML 5Page - STMicroelectronics M48Z30Y Datasheet HTML 6Page - STMicroelectronics M48Z30Y Datasheet HTML 7Page - STMicroelectronics M48Z30Y Datasheet HTML 8Page - STMicroelectronics M48Z30Y Datasheet HTML 9Page - STMicroelectronics M48Z30Y Datasheet HTML 10Page - STMicroelectronics M48Z30Y Datasheet HTML 11Page - STMicroelectronics M48Z30Y Datasheet HTML 12Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
Symbol
Parameter
M48Z30 / 30Y
Unit
-85
-100
Min
Max
Min
Max
tAVAV
Write Cycle Time
85
100
ns
tAVWL
Address Valid to Write Enable Low
0
0
ns
tAVEL
Address Valid to Chip Enable Low
0
0
ns
tWLWH
Write Enable Pulse Width
65
75
ns
tELEH
Chip Enable Low to Chip Enable High
75
90
ns
tWHAX
Write Enable High to Address Transition
5
5
ns
tEHAX
Chip Enable High to Address Transition
15
15
ns
tDVWH
Input Valid to Write Enable High
35
40
ns
tDVEH
Input Valid to Chip Enable High
35
40
ns
tWHDX
Write Enable High to Input Transition
0
0
ns
tEHDX
Chip Enable High to Input Transition
15
15
ns
tWLQZ
(1,2)
Write Enable Low to Output Hi-Z
35
35
ns
tAVWH
Address Valid to Write Enable High
75
80
ns
tAVEH
Address Valid to Chip Enable High
75
80
ns
tWHQX
(1,2)
Write Enable High to Output Transition
5
5
ns
Notes: 1. CL = 5pF (see Figure 4).
2. If E goes low simultaneously with W going low after W going low, the outputs remain in the high-impedance state.
Table 9. Write Mode AC Characteristics (TA = 0 to 70
°C; VCC = 4.75V to 5.5V or 4.5V to 5.5V)
8/12
M48Z30, M48Z30Y



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com