Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M48Z32V Datasheet(PDF) 3 Page - STMicroelectronics

Part # M48Z32V
Description  3.3V, 256 Kbit 32 Kbit x 8 ZEROPOWER SRAM
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M48Z32V Datasheet(HTML) 3 Page - STMicroelectronics

  M48Z32V Datasheet HTML 1Page - STMicroelectronics M48Z32V Datasheet HTML 2Page - STMicroelectronics M48Z32V Datasheet HTML 3Page - STMicroelectronics M48Z32V Datasheet HTML 4Page - STMicroelectronics M48Z32V Datasheet HTML 5Page - STMicroelectronics M48Z32V Datasheet HTML 6Page - STMicroelectronics M48Z32V Datasheet HTML 7Page - STMicroelectronics M48Z32V Datasheet HTML 8Page - STMicroelectronics M48Z32V Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
3/16
M48Z32V
SUMMARY DESCRIPTION
The M48Z32V ZEROPOWER® RAM is a 32 Kbit x
8, non-volatile static RAM that integrates power-
fail deselect circuitry and battery control logic on a
single die.
The 44-pin, 330mil SOIC provides a battery pin for
an external, user-supplied battery. This is all that
is required to fully non-volatize the SRAM.
Figure 3. SOIC Connections
Note: NF, Pin 7 must be tied to VSS.
AI04786
22
44
43
VSS
1
A2
NF
NC
NC
A3
NC
NC
G
CE
NC
NC
W
NC
NC
A10
VCC
M48Z32V
10
2
5
6
7
8
9
11
12
13
14
15
21
40
39
36
35
34
33
32
31
30
29
28
A4
A5
A9
A13
3
4
38
37
42
41
A1
A0
DQ7
DQ5
DQ0
DQ1
DQ3
DQ4
DQ6
16
17
18
19
20
27
26
25
24
23
NC
NC
NC
A12
A6
A7
B +
NC
NC
NC
A11
A14
DQ2
A8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com